Electronic Components Datasheet Search
  English  ▼

X  

LS14250MLB Datasheet(PDF) 1 Page - saftbatteries

Part # LS14250MLB
Description  3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS14250MLB Datasheet(HTML) 1 Page - saftbatteries

  LS14250MLB Datasheet HTML 1Page - saftbatteries LS14250MLB Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Meter lithium battery
LS 14250 MLB
3.6 V high energy
primary Li-SOCl
2 battery
for utility meters
in demanding environments
Benefits
• Easy integration into utility meters
• High voltage, stable during most
of the application’s lifetime
• Wide operating temperature range
• Low self-discharge rate
(less than 1 % per year of
storage at + 20°C)
Key features
• 1/2 AA lithium-thionyl chloride
LS 14250 component cell
• Battery with ABS plastic enclosure
• Component cell with:
- Stainless steel container
- Hermetic glass-to-metal sealing
- Non-flammable electrolyte
- Underwriters Laboratories (UL)
Component Recognition
• Battery non-restricted for transport
• Manufactured in China
Main applications
• Utility metering
• Automatic meter reading
• Alarms and security devices
• Memory back-up
• Professional electronics
Electrical characteristics
(typical values relative to batteries stored for one year or less at + 30°C max.)
Nominal capacity
1.20 Ah
(at 1 mA + 20°C 2.0 V cut-off. The capacity restored by the battery varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.1 mA + 20°C)
3.6 V
Pulse capability: Typically up to 100 mA
(100 mA/0.1 second pulses, drained every 2 mn at + 20°C from undischarged
battery with 10 µA base current, yield voltage readings above 3.0 V. The readings
may vary according to the pulse characteristics, the temperature, and the
battery previous history.)
Maximum recommended continuous current
35 mA
(Higher currents are possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
16.8 mm (0.66 in)
Height (max)
28.6 mm (1.12 in)
Typical weight
15 g (0.5 oz)
Li metal content
approx. 0.3 g
September 2011


Similar Part No. - LS14250MLB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS14250 ETC2-LS14250 Datasheet
62Kb / 2P
3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
More results

Similar Description - LS14250MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS3085MT MARKTECH-MTPS3085MT Datasheet
191Kb / 1P
High Reliability in Demanding Environments
MTPS8085MT MARKTECH-MTPS8085MT Datasheet
192Kb / 1P
High Reliability in Demanding Environments
PT080N4 MARKTECH-PT080N4 Datasheet
189Kb / 1P
High Reliability in Demanding Environments
MTD6000PT-T MARKTECH-MTD6000PT-T Datasheet
588Kb / 3P
High Reliability in Demanding Environments
logo
saftbatteries
2VL34570 SAFT-2VL34570 Datasheet
495Kb / 2P
Extreme performance in demanding military environments
LSH20-150 SAFT-LSH20-150 Datasheet
441Kb / 2P
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150째C in demanding environments
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
DHY307 SAFT-DHY307 Datasheet
71Kb / 2P
Extreme performance in demanding military environments
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
Utility meters
logo
saftbatteries
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com