Electronic Components Datasheet Search
  English  ▼

X  

LO40SX Datasheet(PDF) 2 Page - saftbatteries

Part # LO40SX
Description  3.0 V Primary lithium-sulfur dioxide High drain capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LO40SX Datasheet(HTML) 2 Page - saftbatteries

  LO40SX Datasheet HTML 1Page - saftbatteries LO40SX Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Handling precautions
• Cell is pressurised at ambient
temperature.
• Do not puncture, open or mutilate.
• Do not obstruct the safety vent
mechanism.
• Do not short circuit or charge.
• Do not expose to fire or
temperatures above + 70ºC
(+158ºF).
LO 40 SX
Doc. Nº 31088-2-0708
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc Nº 31048-2.
Published by the Communications Department.
Photo credit: Saft.
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates Limited.
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel.: +33 (0)1 49 93 19 18
Fax : +33 (0)1 49 93 19 69
313 Crescent Street
Valdese, NC 28690 - USA
Tel.: +1 (828) 874 41 11
Fax : +1 (828) 879 39 81
www.saftbatteries.com
+
_
40.89 ± 1.4 mm
(1.610 ± 0.055 in)
22.9 mm
(0.9 in)
4.75 mm
(0.187 in)
28.70 ± 0.25 mm
(1.130 ± 0.010 in)
Overall dimensions
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
+ 54ºC
+ 21ºC
0ºC
- 20ºC
- 30ºC
- 40ºC
10
100
1000
10000
3.0
1.8
2.2
2.4
2.6
2.8
2.0
0.5
1
1.5
2
0.25 A
0.1 A
0.5 A
1 A
2 A
0
2.5
3
3.5
4
1.0
1.5
2.0
2.5
3.5
3.0
4.0
10
100
1000
10000
+ 21ºC
0ºC
+ 54ºC
- 20ºC
- 30ºC
- 40ºC
Typical discharge profiles at + 20ºC
Restored Capacity versus Current and Temperature (2.0 V cut-off)
Voltage plateau versus Current and Temperature
Capacity (Ah)
Current (mA)
Current (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com