Electronic Components Datasheet Search
  English  ▼

X  

LO40SX Datasheet(PDF) 1 Page - saftbatteries

Part # LO40SX
Description  3.0 V Primary lithium-sulfur dioxide High drain capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LO40SX Datasheet(HTML) 1 Page - saftbatteries

  LO40SX Datasheet HTML 1Page - saftbatteries LO40SX Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
• High and stable discharge voltage
• High pulse capability
• Performance not affected by cell
orientation
• Long storage possible before use
• Ability to withstand extreme
temperature
Key features
• Low self-discharge rate
(less than 3 % after 1 year of
storage at + 20ºC)
• Hermetic glass-to-metal sealing
• Built-in safety vent
(at the negative end of the cell)
• UL Component Recognition
(File Number MH 15076)
• Meets shock, vibration and other
environmental requirements of
military specifications
• Restricted for transport (Class 9)
• Made in the USA
Main applications
• Radiocommunications and other
military applications
• Automotive telematics
Electrical characteristics
(typical values for cells stored for one year or less)
Nominal capacity
3.50 Ah
(under 120 mA + 20ºC 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage (at + 20ºC)
3.0 V
Nominal voltage
(at 120 mA + 20ºC)
2.8 V
Maximum recommended continuous current
2.0 A
(to avoid over-heating. Higher currents possible, consult Saft)
Pulse capability: Typically up to 5 A.
(The voltage readings may vary according to the pulse characteristics,
the temperature, and the cell’s previous history. Fitting the cell with a
capacitor may be recommended in severe conditions. Consult Saft)
Storage
(recommended)
+ 30ºC (+ 86ºF) max.
(possible without leakage)
- 60ºC/+ 85ºC
(- 76ºF/+185ºF)
Operating temperature range
- 60ºC/+ 70ºC
(- 76ºF/+158ºF)
(Short excursions up to + 85ºC possible at currents below 1 A)
Physical characteristics
Diameter (max)
28.95 mm (1.140 in)
Height (max; finish without radial tabs)
42.29 mm (1.665 in)
Typical weight
40 g (1.41 oz)
Li metal content
1.2 g
Standard cell comes with resin potting in the topshell area and
two radial 0.15 mm - thick nickel tabs
Other configurations available on request.
July 2008
Cell size reference
2
/3 “Thin” D
Primary lithium battery
LO 40 SX
3.0 V Primary lithium-sulfur dioxide (Li-SO2)
High drain capability
2
/3
“Thin” D-size spiral cell


Similar Part No. - LO40SX

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LO43SHX SAFT-LO43SHX Datasheet
226Kb / 2P
3.0 V Primary lithium - sulfur dioxide
logo
Leshan Radio Company
LO4459PT1G LRC-LO4459PT1G Datasheet
372Kb / 4P
Channel Enhancement Mode Field Effect Transistor
logo
MORNSUN Science& Techno...
LO45-10B03 MORNSUN-LO45-10B03 Datasheet
915Kb / 4P
45W, AC-DC converter
LO45-10B05 MORNSUN-LO45-10B05 Datasheet
915Kb / 4P
45W, AC-DC converter
LO45-10B09 MORNSUN-LO45-10B09 Datasheet
915Kb / 4P
45W, AC-DC converter
More results

Similar Description - LO40SX

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LO26SXC SAFT-LO26SXC Datasheet
69Kb / 2P
3.0 V Primary lithium-sulfur dioxide
LO43SHX SAFT-LO43SHX Datasheet
226Kb / 2P
3.0 V Primary lithium - sulfur dioxide
LO35SX SAFT-LO35SX Datasheet
784Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability
LO30SHX SAFT-LO30SHX Datasheet
505Kb / 2P
3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability
LO29SHX SAFT-LO29SHX Datasheet
462Kb / 2P
3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability
LO26SX SAFT-LO26SX Datasheet
544Kb / 2P
3.0 V Primary lithium - sulfur dioxide High drain capability D- size spiral cell
LO25SX SAFT-LO25SX Datasheet
519Kb / 2P
3.0 V Primary lithium - sulfur dioxide High drain capability
G523 SAFT-G523 Datasheet
447Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability C-size spiral cell
G062 SAFT-G062 Datasheet
330Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability AA- size spiral cell
G26 SAFT-G26 Datasheet
657Kb / 2P
3.0 V Primary lithium-sulfur dioxide High drain capability D- size spiral cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com