Electronic Components Datasheet Search
  English  ▼

X  

IL358T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL358T
Description  Linear Optocoupler for Optical DAA in Telecommunications, High Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL358T Datasheet(HTML) 2 Page - Vishay Siliconix

  IL358T Datasheet HTML 1Page - Vishay Siliconix IL358T Datasheet HTML 2Page - Vishay Siliconix IL358T Datasheet HTML 3Page - Vishay Siliconix IL358T Datasheet HTML 4Page - Vishay Siliconix IL358T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL350, IL358
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 09-Nov-12
2
Document Number: 83623
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
3V
Forward current
IF
30
mA
Surge current
Pulse width < 10 ms
IFSM
150
mA
Power dissipation
Tamb = 25 °C
Pdiss
150
mW
Derate linearly from 25 °C
2mW/°C
OUTPUT
Reverse voltage
VR
15
V
Power dissipation
Pdiss
50
mW
Derate linearly from 25 °C
0.65
mW/°C
Junction temperature
Tj
100
°C
COUPLER
Isolation test voltage
t = 1 s
VISO
3000
VRMS
Total package power dissipation
Ptot
250
mW
Derate linearly from 25 °C
2.8
mW/°C
Storage temperature range
Tstg
- 40 to + 150
°C
Operating temperature
Tamb
75
°C
Lead soldering time at 260 °C
10
s
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥v 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.8
2.1
V
Reverse current
VR = 3 V
IR
0.01
10
μA
VF temperature coefficient
ΔVF/Δ °C
- 2.2
mW/°C
Junction capacitance
VF = 0 V, f = 1 MHz
Cj
15
pF
Dynamic resistance
IF = 2.5 mA,
ΔIF = 1 mA
ΔVF/ΔIF
6
Ω
Switching time IL358/359
IF = 2.5 mA,
ΔIF = 1 mA
tf
40
ns
tf
40
ns
OUTPUT
Junction capacitance
VF = 0 V, f = 1 MHz
Cj
12
pF
NEP
VDET = 0 V
< 4-14
W/
√Hz
COUPLER
Capacitance (input to output)
VF = 0 V, f = 1 MHz
CIO
1pF
Common mode capacitance
VF = 0 V, f = 1 MHz
CCM
0.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com