Electronic Components Datasheet Search
  English  ▼

X  

IL358T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL358T
Description  Linear Optocoupler for Optical DAA in Telecommunications, High Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL358T Datasheet(HTML) 3 Page - Vishay Siliconix

  IL358T Datasheet HTML 1Page - Vishay Siliconix IL358T Datasheet HTML 2Page - Vishay Siliconix IL358T Datasheet HTML 3Page - Vishay Siliconix IL358T Datasheet HTML 4Page - Vishay Siliconix IL358T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL350, IL358
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 09-Nov-12
3
Document Number: 83623
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SWITCHING CHARACTERISTICS - AC CHARACTERISTICS PHOTOVOLTAIC MODE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Frequency response
IP1 = 25 μA, modulation
current
ΔIP = ± 6 μA
IL358
BW (- 3 db)
1
MHz
Phase response
IP1 = 25 μA, modulation
current
ΔIP = ± 6 μA
45
°
Rise time
IP1 = 25 μA, modulation
current
ΔIP = ± 6 μA
350
ns
BIN TABLE
BIN
MIN.
MAX.
A
0.557
0.626
B
0.620
0.696
C
0.690
0.773
D
0.765
0.859
E
0.851
0.955
F
0.945
1.061
G
1.051
1.181
H
1.169
1.311
I
1.297
1.456
J
1.442
1.618
COUPLED CHARACTERISTICS
PART NUMBER
K1 AT IF = 2 mA, VO = 0 V
MIN.
K3 BINS
IL350
0.003
A to J
IL358
0.008
C, D, E, F, G, H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com