Electronic Components Datasheet Search
  English  ▼

X  

MP7748 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7748 Datasheet HTML 1Page - Monolithic Power Systems MP7748 Datasheet HTML 2Page - Monolithic Power Systems MP7748 Datasheet HTML 3Page - Monolithic Power Systems MP7748 Datasheet HTML 4Page - Monolithic Power Systems MP7748 Datasheet HTML 5Page - Monolithic Power Systems MP7748 Datasheet HTML 6Page - Monolithic Power Systems MP7748 Datasheet HTML 7Page - Monolithic Power Systems MP7748 Datasheet HTML 8Page - Monolithic Power Systems MP7748 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
4
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS
Circuit of figure 5, single-ended output configuration, VDD = 24V, Gain=8.25V/V, VEN = 5V, TA =
+25
°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
180
µA
Quiescent Current
Switching, no load
26
mA
Power Output
f = 1kHz, THD+N = 10%, 4Ω Load
19.3
W
f = 1kHz, THD+N = 10%, 8Ω Load
10.6
W
THD+ Noise
POUT = 1W, f = 1kHz, 4Ω Load
0.02
%
POUT = 1W, f = 1kHz, 8Ω Load
0.02
%
Efficiency
f = 1kHz, POUT = 19.3W, 4Ω Load
91
%
f = 1kHz, POUT = 10.6W, 8Ω Load
96
%
Maximum Power Bandwidth
20
kHz
Dynamic Range
97
dB
Noise Floor
A-Weighted
103
µV
Power Supply Rejection
VCC=24V,
Gain=8.25V/V,
VRIPPLE=200mVPP
CR=100µF
f = 1kHz
-59
dB
f = 217Hz
-59
dB
Circuit of figure 6, bridge-tied-load output configuration, VDD = 24V, Gain=15V/V, VEN = 5V, TA =
+25
°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
180
µA
Quiescent Current
Switching, no load
26
mA
Power Output
f = 1kHz, THD+N = 10%, 6Ω Load
50
W
f = 1kHz, THD+N = 10%, 8Ω Load
40
W
THD+ Noise
POUT = 1W, f = 1kHz, 6Ω Load
0.04
%
POUT = 1W, f = 1kHz, 8Ω Load
0.03
%
Efficiency
f = 1kHz, POUT = 50W, 6Ω Load
91
%
f = 1kHz, POUT = 40W, 8Ω Load
94
%
Maximum Power Bandwidth
20
kHz
Dynamic Range
107
dB
Noise Floor
A-Weighted
140
µV
Power Supply Rejection
VCC=24V,
Gain=15V/V,
VRIPPLE=200mVPP
f = 1kHz
-60
dB
f = 217Hz
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com