Electronic Components Datasheet Search
  English  ▼

X  

MP7748 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7748 Datasheet HTML 1Page - Monolithic Power Systems MP7748 Datasheet HTML 2Page - Monolithic Power Systems MP7748 Datasheet HTML 3Page - Monolithic Power Systems MP7748 Datasheet HTML 4Page - Monolithic Power Systems MP7748 Datasheet HTML 5Page - Monolithic Power Systems MP7748 Datasheet HTML 6Page - Monolithic Power Systems MP7748 Datasheet HTML 7Page - Monolithic Power Systems MP7748 Datasheet HTML 8Page - Monolithic Power Systems MP7748 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
5
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 14
N/C
Not connected internally
2
REF1
Internal analog reference (VDD/2) for Amplifier 1. For SE configuration, connect a bypass
capacitor from REF1 to AGND (10µF).
3
IN1
Inverting input for amplifier 1.
4
TIMER1
Internal timer input for Amplifier 1. Connect a capacitor from TIMER1 to AGND (2.2µF) to
set the internal timer for startup pop elimination.
5
AGND1
Analog ground for Amplifier 1. Connect AGND1 to AGND2. Connect PGND to AGND at a
single point.
6
EN1
Enable input for Amplifier 1. Drive EN1 high to turn on the Amplifier 1, low to turn it off.
7
UVP1
Under-voltage protection reference input for Amplifier 1. Connect UVP1 to UVP2.
8
IN2
Inverting input for amplifier 2.
9
REF2
Internal analog reference (VDD/2) for Amplifier 2. For SE configuration, connect a bypass
capacitor from REF2 to AGND (10µF).
10
TIMER2
Internal timer input for Amplifier 2. Connect a capacitor from TIMER2 to AGND (2.2uF) to
set the internal timer for startup pop elimination.
11
AGND2
Analog ground for Amplifier 2. Connect AGND2 to AGND1. Connect PGND to AGND at a
single point.
12
EN2
Enable input for Amplifier 2. Drive EN2 high to turn on the Amplifier 2, low to turn it off.
13
UVP2
Under-voltage protection reference input for Amplifier 2. Connect UVP2 to UVP1.
15, 16
VDD2
Power supply input for Amplifier 2. Bypass VDD2 to PGND2 with a 1µF X7R capacitor (in
addition to the main bulk capacitor), placed close to the VDD2 and PGND2 pins.
17
BST2
High-side MOSFET bootstrap input for Amplifier 2. A capacitor from BST2 to SW2
supplies the gate drive current to the internal high-side MOSFET.
18, 19
SW2
Switched power output for Amplifier 2.
20, 21
PGND2
Power ground for Amplifier 2. Connect PGND2 to PGND1. Connect PGND to AGND at a
single point.
22, 23
VDD1
Power supply input for Amplifier 1. Bypass VDD1 to PGND1 with a 1µF X7R capacitor (in
addition to the main bulk capacitor), placed close to the VDD1 and PGND1 pins.
24
BST1
High-side MOSFET bootstrap input for Amplifier 1. A capacitor from BST1 to SW1
supplies the gate drive current to the internal high-side MOSFET.
25, 26
SW1
Switched power output for Amplifier 1.
27, 28
PGND1
Power ground for Amplifier 1. Connect PGND1 to PGND2. Connect PGND to AGND at a
single point.
Exposed
Pad
Connect exposed pad to GND plane for proper thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com