Electronic Components Datasheet Search
  English  ▼

X  

MP8125 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8125
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8125 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8125 Datasheet HTML 1Page - Monolithic Power Systems MP8125 Datasheet HTML 2Page - Monolithic Power Systems MP8125 Datasheet HTML 3Page - Monolithic Power Systems MP8125 Datasheet HTML 4Page - Monolithic Power Systems MP8125 Datasheet HTML 5Page - Monolithic Power Systems MP8125 Datasheet HTML 6Page - Monolithic Power Systems MP8125 Datasheet HTML 7Page - Monolithic Power Systems MP8125 Datasheet HTML 8Page - Monolithic Power Systems MP8125 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP8125 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8125 Rev. 1.11
www.MonolithicPower.com
4
5/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
TONE Signal
Tone Signal Frequency
fTONE
TA = 25°C
20
22
24
kHz
VEXTM_High VEXTM rising
2
V
EXTM Input Logic Threshold
VEXTM_Low VEXTM falling
0.8
V
Delay Time of Tone Signal
Activated or Deactivated
(5)
tDELAY
Delay time after EXTM goes
high or low
TONE
1.5
f
Peak-to-Peak Amplitude
VPP
ILOAD = 0 to 100mA
0.55
0.65
0.9
V
Rise and Fall Time
RL=1kΩ, CL=0.1μF
8
μs
Over-Current Protection
Output Current Limit
ILIMIT
RLIMIT=10kΩ
600
850
1100
mA
Dynamic Overload
Protection Off Time
TOFF
Time of attempt to restart
2
s
Dynamic Overload
Protection On Time
TON
Time to onset of shutdown
50
ms
POK
POK Upper Trip Threshold
(5)
VFB with Respect to Nominal
12
%
POK Lower Trip Threshold
VFB with Respect to Nominal
-12
%
POK Output Lower Voltage
ISINK = 5mA
0.3
V
Thermal Protection
Over Temperature
Shutdown
(5)
150
°C
OTP Hysteresis
20
°C
Note:
5) Guaranteed by design.
6) Shall withstand the back voltage for an indefinite period of time. On removal of the fault condition the device returns to normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com