Electronic Components Datasheet Search
  English  ▼

X  

MP8125 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8125
Description  550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8125 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8125 Datasheet HTML 1Page - Monolithic Power Systems MP8125 Datasheet HTML 2Page - Monolithic Power Systems MP8125 Datasheet HTML 3Page - Monolithic Power Systems MP8125 Datasheet HTML 4Page - Monolithic Power Systems MP8125 Datasheet HTML 5Page - Monolithic Power Systems MP8125 Datasheet HTML 6Page - Monolithic Power Systems MP8125 Datasheet HTML 7Page - Monolithic Power Systems MP8125 Datasheet HTML 8Page - Monolithic Power Systems MP8125 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP8125 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8125 Rev. 1.11
www.MonolithicPower.com
5
5/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
TSSOP-16
Pin #
QFN24
Name
Description
1
22
SGND
Analog ground.
2
23, 24
BYPASS
Connect a bypass capacitor for the internal regulator.
3
2
VDD
Input supply pin.
4
4
COMP
Compensation pin for Boost regulator (47nF & 19.6kΩ is suggested).
5
5
EN
Regulator On/Off Control Input. When this pin is low, the output is
disabled. A high level at EN turns on the converter. Connect EN to the
input source (through a 100kΩ pull-up resistor if VIN > 6V) for
automatic startup. EN cannot be left floating.
6
6
LINEDROP
This pin provides selectable VOUT compensation for voltage drop on the
long coaxial cable. When the LINEDROP is high, the LDO output is 1V
increased. LINEDROP cannot be left floating.
7
7
POK
Power OK. A high output indicates that LDO output is within ±12% of
nominal value. A low output means that LDO output is outside this
window.
8
8
13V/18V
Select 13V or 18V for output voltage. High level for 18V while low level
for 13V. This pin cannot be left floating.
9
10
EXTM
External modulation input for 22kHz signaling. A high level at EXTM
turns on 22kHz signal and a low level disables it. EXTM cannot be left
floating.
10
11
TCAP
Internal voltage reference for LDO output, A soft-start capacitor can be
connected to this pin to set rise time of the output voltage. The
capacitor should be very close to this pin and SGND, and the route
should keeps far away from any noise like SW copper.
11
12
ILIMIT
The ILIMIT is used to set the value of the output current limit of LDO. A
resistor from ILIMIT to GND programs the limit.
12
13, 14
VOUT
Output voltage.
13
15, 16
VBOOST
Input of the internal LDO.
14
17
BST
Supply for the internal LDO driver.
15
19
SW
SW is the drain of the internal MOSFET switch of Boost stage.
Connect the power inductor and output rectifier to SW.
16
20, 21
PGND
Power ground.
1, 3, 9, 18
NC
Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com