Electronic Components Datasheet Search
  English  ▼

X  

MP8709 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8709
Description  High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8709 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8709 Datasheet HTML 1Page - Monolithic Power Systems MP8709 Datasheet HTML 2Page - Monolithic Power Systems MP8709 Datasheet HTML 3Page - Monolithic Power Systems MP8709 Datasheet HTML 4Page - Monolithic Power Systems MP8709 Datasheet HTML 5Page - Monolithic Power Systems MP8709 Datasheet HTML 6Page - Monolithic Power Systems MP8709 Datasheet HTML 7Page - Monolithic Power Systems MP8709 Datasheet HTML 8Page - Monolithic Power Systems MP8709 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP8709 – SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8709 Rev. 1.01
www.MonolithicPower.com
5
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1.2V, L=1.8μH, TA = +25ºC, unless otherwise noted.
Load Regulation
Enabled Supply Current vs
Input Voltage
Peak Current vs
Duty Cycle
Operating Range
Vcc Regulator Line Regulation
700
705
710
715
720
725
730
735
740
745
750
Line Regulation
Case Temperature Rise vs.
Output Current
0
5
10
15
20
25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
Disabled Supply Current vs
Input Voltage
3.5
4
4.5
5
5.5
0
5
10
15
20
25
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
0 10 20304050 607080 90100
0.1
1
10
100
0
5
10
15
20
25
Dmax Limit
Minimum on time Limit
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
01234
VIN=12V
VIN=4.5V
VIN=21V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5
10
15
20
25
Io=0A
Io=2A
Io=4A
0
10
20
30
40
50
012
3
45
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com