Electronic Components Datasheet Search
  English  ▼

X  

MP8715DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8715DL
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8715DL Datasheet HTML 1Page - Monolithic Power Systems MP8715DL Datasheet HTML 2Page - Monolithic Power Systems MP8715DL Datasheet HTML 3Page - Monolithic Power Systems MP8715DL Datasheet HTML 4Page - Monolithic Power Systems MP8715DL Datasheet HTML 5Page - Monolithic Power Systems MP8715DL Datasheet HTML 6Page - Monolithic Power Systems MP8715DL Datasheet HTML 7Page - Monolithic Power Systems MP8715DL Datasheet HTML 8Page - Monolithic Power Systems MP8715DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP8715 – 4A, 21V, 500kHz, STEP DOWN CONVERTER WITH 100% DUTY CYCLE OPERATION
MP8715 Rev. 1.01
www.MonolithicPower.com
4
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power OK Rising Threshold
POKVthLH
0.90
VFB
Power OK Falling Threshold
POKthHL
0.85
VFB
POK Output Voltage Low
IPOK_L
ISINK = 5mA
0.4
V
POK Leakage Current
IPOK_LEAK
VPG=3.3V
10
nA
Internal Charge Pump Current
ICharge_Pump
90
µA
Thermal Shutdown Threshold
TSD
Rising
150
°C
Thermal Shutdown Hysteresis
THYS
20
°C
Note:
5) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com