Electronic Components Datasheet Search
  English  ▼

X  

MP8715DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8715DL
Description  100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8715DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8715DL Datasheet HTML 1Page - Monolithic Power Systems MP8715DL Datasheet HTML 2Page - Monolithic Power Systems MP8715DL Datasheet HTML 3Page - Monolithic Power Systems MP8715DL Datasheet HTML 4Page - Monolithic Power Systems MP8715DL Datasheet HTML 5Page - Monolithic Power Systems MP8715DL Datasheet HTML 6Page - Monolithic Power Systems MP8715DL Datasheet HTML 7Page - Monolithic Power Systems MP8715DL Datasheet HTML 8Page - Monolithic Power Systems MP8715DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP8715
100% Duty Cycle Synchronous
4A, 21V, 500kHz Step-Down Converter
MP8715 Rev. 1.01
www.MonolithicPower.com
1
6/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8715 is a 500 kHz fixed-frequency
PWM
synchronous
step-down
regulator.
MP8715 operates from a 4.5V to 21V input and
generates an output voltage form 0.8V to VIN
with 100% duty cycle operation.
The MP8715 integrates a 120mΩ high-side
switch and a 50mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. It offers a very compact solution to
achieve 4A continuous output current over a
wide input supply range with excellent load and
line regulation.
External soft start and power good indication
meet flexible design requirement.
The MP8715 is available in a space saving 8-
pin SOIC package with an exposed pad and
3mmx4mm 14-pin QFN package.
FEATURES
• 4A Output Current
• Wide 4.5V to 21V Input Operation Range
• 100% Duty Cycle Support
• 120mΩ/50mΩ Internal Power MOSFET
• All Ceramic Capacitor Design
• Up to 95% Efficiency
• 500kHz Fixed Switching Frequency
• Adjustable Output from 0.8V to Vin
• External Soft-Start
• Frequency Synchronization Input
• Power OK Indicator
• Internal Compensation
• Over Current Hiccup and Thermal Protection
• Available in 8-pin SOIC Package with an
Exposed Pad and 14-pin QFN3x4 package
APPLICATIONS
• Cable eMTAs
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Digital Set Top Boxes
• Network and Telecom Equipment
• Point of Load Regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
4
2
6
R2
10k
MP8715
SW
GND
FB
EN/SYNC
BST
VCC
SS
4.5V-21V
1.2V/4A
C3
100nF
R1
4.99k
Rt
47k
C5
10nF
VIN
VIN
VOUT
ON/OFF
8
1
3
7
5
9
POK
POK
SOIC8E Package
Efficiency
VOUT=1.2V
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
0 0.5 1 1.5
2 2.5 3 3.5
4
VIN=21V
VIN=12V
VIN=5V


Similar Part No. - MP8715DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712 MPS-MP8712 Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
MP8712GL MPS-MP8712GL Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
MP8712GL MPS-MP8712GL Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
More results

Similar Description - MP8715DL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com