Electronic Components Datasheet Search
  English  ▼

X  

SLTS096B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS096B
Description  36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS096B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS096B Datasheet HTML 1Page - Texas Instruments SLTS096B Datasheet HTML 2Page - Texas Instruments SLTS096B Datasheet HTML 3Page - Texas Instruments SLTS096B Datasheet HTML 4Page - Texas Instruments SLTS096B Datasheet HTML 5Page - Texas Instruments SLTS096B Datasheet HTML 6Page - Texas Instruments SLTS096B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
• 36V to 75V Input Voltage Range
• Programmable Output Voltage
Range: 1.3V to 3.5V
• -40° to +85°C Ambient
• 1500 VDC Isolation
• 89% Efficiency
• On/Off Inhibit
• Differential Remote Sense
• 60A Output with PT4499
SLTS096B
(Revised 6/20/2002)
Description
The PT4482 Excalibur™ DC/DC
converter module combines state-of-the-
art power conversion technology with
un-paralleled flexibility. Incorporating
high efficiency and ultra-fast transient
response, these modules provide up to
30A of output current over the program-
mable voltage range of 1.3V to 3.5V.
This represents a full 100W output at
3.3V.
The modules include a number of
inbuilt features to facilitate system
integration. These include a foldback
output current limit, over-temperature
protection, and an inhibit on/off control.
A differential remote sense is also provided
to compensate for voltage drop between
the converter and load.
For additional output current, one
PT4482 may be operated with up to two
PT4499 compatible booster modules.
Each PT4499 adds an additional 30A of
output current capability.
• Over-Current Protection
• Over-Temperature Protection
• Over-Voltage Protection
• Space-Saving Package
• Solderable Copper Case
• Safety Approvals:
UL 60950
CSA 22.2 950
VDE EN60950 Pending
L
O
A
D
PT4482
+V
sns
+V
out
-V
out
-V
sns
7
8-13
14-19
20
25
22
24
23
VID0 - VID4
+V
in
–V
in
1
2
3
Inhibit
C
1
+
PROGRAMMING PINS
+V
OUT
+V
IN
–V
IN
–V
OUT
C
o
+
21
C
2
•Co = Optional 330µF electrolytic capacitor
•C1 = Optional 33µF, 100V electrolytic capacitor
•C2 = Optional 1µF, 100V ceramic capacitor
• Programming pins, VID0–VID4, are shown
configured for Vo =3.3V
• For normal operation, pin 3 (Inhibit) must be
connected to –Vin.
Ordering Information
PT4482
o = 1.3 to 3.5 Volts
PT4499
o = 30-A Booster
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
* Previously known as package styles 1200,
1210, and 1215.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
Pin-Out Information
Pin
Function
1+Vin
2–Vin
3
Inhibit
4Vr †
5Va †
6
Do not connect
7
(+)Remote Sense
8+Vout
9+Vout
10 +Vout
11 +Vout
12 +Vout
13 +Vout
Pin
Function
14
–Vout
15
–Vout
16
–Vout
17
–Vout
18–Vout
19
–Vout
20
(–)Remote Sense
21
VID0
22
VID1
23
VID2
24
VID3
25
VID4
26
DRV †
PT4482—48V
100-W 30-A Programmable
Isolated DC/DC Converter
† Pins 4, 5, & 26 are used for booster applications. For
stand-alone operation, leave open circuit.
• Shaded functions indicate those pins that are
referenced to primary-side potential.


Similar Part No. - SLTS096B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS091B TI-SLTS091B Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
SLTS098 TI1-SLTS098 Datasheet
161Kb / 7P
Single Device: 5A Output
More results

Similar Description - SLTS096B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
Input operating range: 36V to 75V Output voltage: 3.3V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
5 to 36V input voltage range
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
36V to 75V Input Voltage Range
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
Input Voltage Range 3.5V to 36V
April 1, 2012
logo
Maxim Integrated Produc...
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
2020
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
3.5V to 30V Input Voltage Range
2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com