Electronic Components Datasheet Search
  English  ▼

X  

SLTS096B Datasheet(PDF) 3 Page - Texas Instruments

Part # SLTS096B
Description  36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS096B Datasheet(HTML) 3 Page - Texas Instruments

  SLTS096B Datasheet HTML 1Page - Texas Instruments SLTS096B Datasheet HTML 2Page - Texas Instruments SLTS096B Datasheet HTML 3Page - Texas Instruments SLTS096B Datasheet HTML 4Page - Texas Instruments SLTS096B Datasheet HTML 5Page - Texas Instruments SLTS096B Datasheet HTML 6Page - Texas Instruments SLTS096B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT4482—48V
100-W 30-A Programmable
Isolated DC/DC Converter
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Stand Alone, No Heatsink
Safe Operating Area, Vin =48V (See Note B)
Performance Characteristics, Vo =3.3V (See Note A)
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Iout (A)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow
50
60
70
80
90
100
0
5
10
15
20
25
30
Iout (A)
48.0V
75.0V
36.0V
VIN
0
20
40
60
80
100
0
5
10
15
20
25
30
Iout (A)
75.0V
48.0V
36.0V
VIN
0
4
8
12
16
20
0
5
10
15
20
25
30
Iout (A)
36.0V
75.0V
48.0V
VIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com