Electronic Components Datasheet Search
  English  ▼

X  

MP8725 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8725
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8725 Datasheet HTML 6Page - Monolithic Power Systems MP8725 Datasheet HTML 7Page - Monolithic Power Systems MP8725 Datasheet HTML 8Page - Monolithic Power Systems MP8725 Datasheet HTML 9Page - Monolithic Power Systems MP8725 Datasheet HTML 10Page - Monolithic Power Systems MP8725 Datasheet HTML 11Page - Monolithic Power Systems MP8725 Datasheet HTML 12Page - Monolithic Power Systems MP8725 Datasheet HTML 13Page - Monolithic Power Systems MP8725 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8725 Rev. 1.0
www.MonolithicPower.com
12
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
Δ
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP8725 can be optimized for a wide range of
capacitance and ESR values.
PCB Layout
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 7 for references.
1) Keep the connection of input ground and
GND pin as short and wide as possible.
2) Keep the connection of input capacitor and
IN pin as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
6) Adding RC snubber circuit from IN pin to
SW pin can reduce SW spikes.
SW
SW
SW
SW
C2
L1
C4
C1
2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
FB
PG
GND
GND
GND
VCC
C3
VIN
IN
R3
R2
R1
Rt
GND
N/C
BST
A
EN
VOUT
Top Layer
GND
Bottom Layer
Figure 7—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com