Electronic Components Datasheet Search
  English  ▼

X  

MP8725 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8725
Description  21V, 5A, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8725 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8725 Datasheet HTML 6Page - Monolithic Power Systems MP8725 Datasheet HTML 7Page - Monolithic Power Systems MP8725 Datasheet HTML 8Page - Monolithic Power Systems MP8725 Datasheet HTML 9Page - Monolithic Power Systems MP8725 Datasheet HTML 10Page - Monolithic Power Systems MP8725 Datasheet HTML 11Page - Monolithic Power Systems MP8725 Datasheet HTML 12Page - Monolithic Power Systems MP8725 Datasheet HTML 13Page - Monolithic Power Systems MP8725 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
MP8725 – 5A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP8725 Rev. 1.0
www.MonolithicPower.com
14
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE INFORMATION
3mm x 4mm QFN14
SIDE VIEW
TOP VIEW
1
14
87
BOTTOM VIEW
2.90
3.10
1.60
1.80
3.90
4.10
3.20
3.40
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VGED-3.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
3.30
0.70
PIN 1 ID OPTION B
R0.20 TYP.
PIN 1 ID OPTION A
0.30x45º TYP.
DETAIL A
0.30
0.50
PIN 1 ID
INDEX AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com