Electronic Components Datasheet Search
  English  ▼

X  

MP8761 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8761
Description  High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8761 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8761 Datasheet HTML 16Page - Monolithic Power Systems MP8761 Datasheet HTML 17Page - Monolithic Power Systems MP8761 Datasheet HTML 18Page - Monolithic Power Systems MP8761 Datasheet HTML 19Page - Monolithic Power Systems MP8761 Datasheet HTML 20Page - Monolithic Power Systems MP8761 Datasheet HTML 21Page - Monolithic Power Systems MP8761 Datasheet HTML 22Page - Monolithic Power Systems MP8761 Datasheet HTML 23Page - Monolithic Power Systems MP8761 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MP8761 — 8A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8761 Rev. 1.1
www.MonolithicPower.com
22
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MP 8761
V
IN
C1A
R7
C5
C3
L1
R4
C4
R1
R2
R6
PG
AGND
SS
C6
33nF
10uF
C1B
10uF
C1C
0.1uF
C1D
0.1uF
357K
R5
100K
1uF
100K
R3
4.7
1uH
750 K
220pF
13.7K
20K
R9
100
VOUT
C2A
47uF
C2B
47uF
C2C
47uF
C2D
0.1uF
0.1uF
C2E
0.1uF
Figure 16—Typical Application Circuit with Low ESR Ceramic Capacitor for 1V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com