Electronic Components Datasheet Search
  English  ▼

X  

MP8761 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8761
Description  High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8761 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8761 Datasheet HTML 1Page - Monolithic Power Systems MP8761 Datasheet HTML 2Page - Monolithic Power Systems MP8761 Datasheet HTML 3Page - Monolithic Power Systems MP8761 Datasheet HTML 4Page - Monolithic Power Systems MP8761 Datasheet HTML 5Page - Monolithic Power Systems MP8761 Datasheet HTML 6Page - Monolithic Power Systems MP8761 Datasheet HTML 7Page - Monolithic Power Systems MP8761 Datasheet HTML 8Page - Monolithic Power Systems MP8761 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP8761
High Efficiency, 8A, 18V,
Synchronous, Step-Down Converter
MP8761 Rev. 1.1
www.MonolithicPower.com
1
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8761 is a fully-integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution to achieve a 8A output current over a
wide input-supply range with excellent load and
line regulation. The MP8761 operates at high
efficiency over a wide output-current load range.
The MP8761 uses Constant-On-Time (COT)
control mode to provide fast transient response
and ease loop stabilization.
An external resistor programs the operating
frequency
from
200kHz
to
1MHz.
The
frequency stays nearly constant as the input
supply
varies
with
the
feed-forward
compensation.
The default under voltage lockout threshold is
4.1V, but a resistor network on the enable pin
can increase this threshold. The soft start pin
controls the output voltage startup ramp. An
open drain power good signal indicates that the
output is within nominal voltage range.
It has full integrated protection features that
include over-current protection, over-voltage
protection and thermal shutdown.
The MP8761 is available in a 3mm×4mm QFN
package, and requires a minimal number of
readily-available components.
FEATURES
• 2.5V to 5V Operating Input Range with
External 5V Bias
• 4.5V to 18V Operating Input Range with
Internal Bias
• 8A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching-Loss-Reduction
Technique
• Adaptive COT for Ultrafast Transient
Response
• 1.5% Reference Voltage Over Junction
Temperature Range (−40°C to +125°C)
• Programmable Soft-Start Time
• Pre-Bias Start-Up
• Programmable Switching Frequency from
200kHz to 1MHz
• Non-Latch OCP, OVP, and Thermal
Shutdown
• Output Adjustable from 0.611V to 13V
APPLICATIONS
•
Set-Top Boxes
•
XDSL Modem/DSLAM
•
Small-Cell Base Stations
•
Personal Video Recorders
•
Flat-Panel Televisions and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MP8761
VIN
ON/OFF
C1
RFREQ
C5
C3
L1
R4
C4
R1
R2
C2
R3
PG
AGND
SS
VOUT
C6
0.01
0.1
1
10
30
40
50
60
70
80
90
100


Similar Part No. - MP8761

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8760DGL MPS-MP8760DGL Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8760DGL MPS-MP8760DGL Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
MP8760GL MPS-MP8760GL Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
More results

Similar Description - MP8761

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com