Electronic Components Datasheet Search
  English  ▼

X  

MP8762 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP8762
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP8762 Datasheet HTML 19Page - Monolithic Power Systems MP8762 Datasheet HTML 20Page - Monolithic Power Systems MP8762 Datasheet HTML 21Page - Monolithic Power Systems MP8762 Datasheet HTML 22Page - Monolithic Power Systems MP8762 Datasheet HTML 23Page - Monolithic Power Systems MP8762 Datasheet HTML 24Page - Monolithic Power Systems MP8762 Datasheet HTML 25Page - Monolithic Power Systems MP8762 Datasheet HTML 26Page - Monolithic Power Systems MP8762 Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
MP8762 ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762 Rev. 1.4
www.MonolithicPower.com
23
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 16 — Efficiency Curve
VOUT=1V, IOUT=0.01A-10A, FSW=500kHz
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MP8762
VIN
C1A
R7
C5
C3
L1
R4
C4
R1
R2
R6
PG
AGND
SS
C6
33nF
10uF
C1B
10uF
C1C
0.1uF
C1D
0.1uF
604K
R5
100K
1uF
100K
R3
0
1uH, TOKO FDU1250C-1R0M
270K
390pF
13.7K
20K
R9
100
VOUT
C2A
22uF
C2B
22uF
C3C
22uF
C2D
0.1uF
0.1uF
C2E
0.1uF
Figure 17 — Typical Application Circuit with Low ESR Ceramic Capacitor
VIN=12V, VOUT=1V, IOUT=10A, FSW=300kHz
Figure 18 — Efficiency Curve
VOUT=1V, IOUT=0.01A-10A, FSW=300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com