Electronic Components Datasheet Search
  English  ▼

X  

MP8762 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8762
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8762 Datasheet HTML 1Page - Monolithic Power Systems MP8762 Datasheet HTML 2Page - Monolithic Power Systems MP8762 Datasheet HTML 3Page - Monolithic Power Systems MP8762 Datasheet HTML 4Page - Monolithic Power Systems MP8762 Datasheet HTML 5Page - Monolithic Power Systems MP8762 Datasheet HTML 6Page - Monolithic Power Systems MP8762 Datasheet HTML 7Page - Monolithic Power Systems MP8762 Datasheet HTML 8Page - Monolithic Power Systems MP8762 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
MP8762 ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762 Rev. 1.4
www.MonolithicPower.com
5
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
13-Pin
QFN
PIN#
16-Pin
QFN
Name
Description
1
1
EN
Enable pin. EN is a digital input that turns the regulator on or off. Drive EN
high to turn on the regulator, drive it low to turn it off. Connect EN to IN
through a pull-up resistor or a resistive voltage divider for automatic startup.
Do not float this pin. See Enable Control section for more details.
2
2
FREQ
Frequency set during CCM operation. A resistor connected between FREQ
and IN is required to set the switching frequency.
The ON time is
determined by the input voltage and the resistor connected to the FREQ pin.
IN connect through a resistor is used for line feed-forward and makes the
frequency basically constant during input voltage’s variation. An optional
1nF decoupling capacitor can be added to improve any switching frequency
jitter that may be present.
3
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the
FB pin, sets the output voltage. It is recommended to place the resistor
divider as close to FB pin as possible. Vias should be avoided on the FB
traces.
4
4
SS
Soft Start. Connect on external capacitor to program the soft start time for
the switch mode regulator.
5
5
AGND
Analog ground. Select this pin as the control circuit reference point.
6
6
PG
Power good output, the output of this pin is an open drain signal and a pull-
up resistor connected to a DC voltage is required to indicate high if the
output voltage is higher than 91% of the nominal voltage. There is a delay
from FB ≥ 91% to PGOOD goes high.
7
7
VCC
Internal 5V LDO output. The driver and control circuits are powered from this
voltage. Decouple with a minimum 1µF ceramic capacitor as close to the pin
as possible. X7R or X5R grade dielectric ceramic capacitors are
recommended for their stable temperature characteristics.
8
8
BST
Bootstrap. A capacitor connected between SW and BS pins is required to
form a floating supply across the high-side switch driver.
9,10
15, 16
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This
pin is driven up to the VIN voltage by the high-side switch during the on-time
of the PWM duty cycle. The inductor current drives the SW pin negative
during the off-time. The on-resistance of the low-side switch and the internal
Schottky diode fixes the negative voltage. Use wide PCB traces to make the
connection.
11,12
10,11,12,
13
PGND
System Ground. This pin is the reference ground of the regulated output
voltage. For this reason care must be taken in PCB layout. Use wide PCB
traces to make the connection.
13
9, 14
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and
regulator. The MP8762 operates from a +2.5V to +5V input rail with 5V
external bias and a +4.5V to +18V input rail with internal bias. An input
capacitor is needed to decouple the input rail. Use wide PCB traces and
multiple vias to make the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com