Electronic Components Datasheet Search
  English  ▼

X  

MP9361 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9361
Description  High Performance Regulated Charge Pump
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9361 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9361 Datasheet HTML 1Page - Monolithic Power Systems MP9361 Datasheet HTML 2Page - Monolithic Power Systems MP9361 Datasheet HTML 3Page - Monolithic Power Systems MP9361 Datasheet HTML 4Page - Monolithic Power Systems MP9361 Datasheet HTML 5Page - Monolithic Power Systems MP9361 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP9361–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9361 Rev. 0.9
www.MonolithicPower.com
3
11/3/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.7V, VOUT=5V, C1=C2=2.2µF, C3=0.47µF. TA=25ºC, unless otherwise noted.
Load regulation
58
66
74
82
90
0
4.5
4.6
4.7
4.8
5.0
4.9
Efficiency vs.
Load Current
Efficiency vs.
Input Voltage
IOUT=50mA
IOUT=20mA
IOUT=0mA
IOUT=60mA
IOUT=0mA
IOUT=110mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com