Electronic Components Datasheet Search
  English  ▼

X  

MP9361 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9361
Description  High Performance Regulated Charge Pump
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9361 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9361 Datasheet HTML 1Page - Monolithic Power Systems MP9361 Datasheet HTML 2Page - Monolithic Power Systems MP9361 Datasheet HTML 3Page - Monolithic Power Systems MP9361 Datasheet HTML 4Page - Monolithic Power Systems MP9361 Datasheet HTML 5Page - Monolithic Power Systems MP9361 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP9361–HIGH PERFORMANCE REGULATED CHARGE PUMP
MP9361 Rev. 0.9
www.MonolithicPower.com
4
11/3/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.7V, VOUT=5V, C1=C2=2.2µF, C3=0.47µF. TA=25ºC Unless otherwise noted. (continued)
VOUT
2V/div
VOUT
5V/div
VIN
2V/div
VEN
2V/div
VIN
2V/div
VSW
2V/div
IIN
0.2A/div
IIN
0.5A/div
VIN
2V/div
VOUT
2V/div
VPWM
2V/div
IOUT
0.1A/div
VCN
2V/div
VIN 2V/div
VOUT
50mV/div
IOUT
50mA/div
VOUT
50mV/div
VCN
2V/div
VIN
2V/div
IOUT
50mA/div
VOUT
2V/div
VIN
2V/div
VPWM
2V/div
IOUT
0.1A/div
2ms/div
400ns/div
400ns/div
10ms/div
Inrush Current
VIN=2.8V, IOUT=64mA
with resistor load
Inrush Current
VGN=VIN=3.6V, IOUT=64mA
with resistor load
Load PWM Dimming Operation
VEN=VIN=2.8V, FPWM=100HZ
Load PWM Dimming Operation
VEN=VIN=2.8V, FPWM=2KHZ
Normal Load Ripple
VEN=VIN=2.8V, VOUT=5V, IOUT=60mA
Normal Load Ripple
VIN=VEN=4V, IOUT=60mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com