Electronic Components Datasheet Search
  English  ▼

X  

MP20043 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP20043
Description  Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20043 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP20043 Datasheet HTML 4Page - Monolithic Power Systems MP20043 Datasheet HTML 5Page - Monolithic Power Systems MP20043 Datasheet HTML 6Page - Monolithic Power Systems MP20043 Datasheet HTML 7Page - Monolithic Power Systems MP20043 Datasheet HTML 8Page - Monolithic Power Systems MP20043 Datasheet HTML 9Page - Monolithic Power Systems MP20043 Datasheet HTML 10Page - Monolithic Power Systems MP20043 Datasheet HTML 11Page - Monolithic Power Systems MP20043 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP20043 –DUAL-CHANNEL, 300mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20043 Rev.1.0
www.MonolithicPower.com
8
1/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Test Combination A, VIN = 3.7V, P1 Open, P2 Open (VOUT1=2.8V, VOUT2=3.3V), CIN = COUT1= COUT2=
1μF, EN1=EN2= VIN, TA = +25ºC, unless otherwise noted.
400us/div
EN Start Up
VIN=3.7V, IOUT1=IOUT2=300mA,
with Resistive Load
EN Shut Down
VIN=3.7V, IOUT1=IOUT2=300mA,
with Resistive Load
Line Transient (Channel 1)
VIN=3.7V to 4.7V, IOUT1=300mA,
with Resistive Load
100ms/div
40us/div
40us/div
40us/div
Load Transient (Channel 1)
VIN=3.7, IOUT1=1mA to 300mA,
with Resistive Load
IOUT1, OUT2
200mA/div
VOUT1
2V/div
VOUT2
2V/div
VIN
2V/div
IOUT1, OUT2
200mA/div
VOUT1
2V/div
VOUT2
2V/div
VIN
2V/div
IOUT2
200mA/div
IOUT1
200mA/div
VOUT1
2V/div
VOUT2
2V/div
IOUT2
200mA/div
IOUT1
200mA/div
VOUT1
2V/div
VOUT2
2V/div
VIN
2V/div
VIN
2V/div
IOUT1
200mA/div
VOUT1(AC)
10mV/div
VIN
1V/div
IOUT2
200mA/div
VOUT2(AC)
10mV/div
VIN
1V/div
IOUT1
200mA/div
VOUT1(AC)
100mV/div
IOUT2
200mA/div
IOUT1
200mA/div
VOUT1
2V/div
VOUT2
2V/div
EN
2V/div
IOUT2
200mA/div
IOUT1
200mA/div
VOUT1
2V/div
VOUT2
2V/div
EN
2V/div
Input Power Up
VIN=3.7V, No Load
Input Power Down
VIN=3.7V, No Load
Input Power Up
VIN=3.7V, IOUT1=IOUT2=300mA,
with Resistive Load
Input Power Down
VIN=3.7V, IOUT1=IOUT2=300mA,
with Resistive Load
200ms/div
200ms/div
200ms/div
400us/div
Line Transient (Channel 2)
VIN=3.7V to 4.7V, IOUT2=300mA,
with Resistive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com