Electronic Components Datasheet Search
  English  ▼

X  

MP20043 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP20043
Description  Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20043 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP20043 Datasheet HTML 5Page - Monolithic Power Systems MP20043 Datasheet HTML 6Page - Monolithic Power Systems MP20043 Datasheet HTML 7Page - Monolithic Power Systems MP20043 Datasheet HTML 8Page - Monolithic Power Systems MP20043 Datasheet HTML 9Page - Monolithic Power Systems MP20043 Datasheet HTML 10Page - Monolithic Power Systems MP20043 Datasheet HTML 11Page - Monolithic Power Systems MP20043 Datasheet HTML 12Page - Monolithic Power Systems MP20043 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP20043 –DUAL-CHANNEL, 300mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20043 Rev.1.0
www.MonolithicPower.com
12
1/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage
The
output
voltage
of
MP20043
is
programmable with setting different states of P1
PIN and P2 PIN. For combination A, the setting
rule is as the following table:
Table 1 Programmable Output Voltage
Setting (Combination A)
P1 State
P2 State
VOUT1
VOUT2
L
L
1.5V
2.8V
L
H
1.8V
2.9V
L
Open
1.8V
2.8V
H
L
1.8V
2.7V
H
H
1.8V
2.6V
H
Open
2.7V
2.8V
Open
L
2.8V
2.8V
Open
H
2.9V
2.9V
Open
Open
2.8V
3.3V
For example, when P1 and P2 are both open,
output voltage of channel 1 is 2.8V, and the
output voltage of channel 2 is 3.3V.
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The allowable power dissipation can be
calculated using the following equation:
P(MAX) = (TJunction - TAmbient) / θJA
Where (TJunction - TAmbient) is the temperature
difference between the junction and the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connect the GND pin of MP20043
to ground using a large pad or ground plane
helps to channel heat away.
Input Capacitor Selection
Using a capacitor whose value is >0.47µF on
the MP20043 input and the amount of
capacitance can be increased without limit.
Input capacitor of larger value will help improve
line transient response with the drawback of
increased
size.
Ceramic
capacitors
are
preferred, but tantalum capacitors may also
sufficient.
Output Capacitor Selection
The MP20043 is designed specifically to work
with very low ESR ceramic output capacitor in
space-saving and performance consideration. A
ceramic capacitor in the range of 0.47µF and
10µF, and with ESR lower than 1Ω is suitable
for the MP20043 application circuit. Output
capacitor of larger values will help to improve
load transient response and reduce noise with
the drawback of increased size.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com