Electronic Components Datasheet Search
  English  ▼

X  

MTP8N06 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP8N06
Description  TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP8N06 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP8N06 Datasheet HTML 1Page - Motorola, Inc MTP8N06 Datasheet HTML 2Page - Motorola, Inc MTP8N06 Datasheet HTML 3Page - Motorola, Inc MTP8N06 Datasheet HTML 4Page - Motorola, Inc MTP8N06 Datasheet HTML 5Page - Motorola, Inc MTP8N06 Datasheet HTML 6Page - Motorola, Inc MTP8N06 Datasheet HTML 7Page - Motorola, Inc MTP8N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.™
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This advanced TMOS E–FET is designed to withstand high
energy in the avalanche and commutation modes. The new energy
efficient design also offers a drain–to–source diode with a fast
recovery time. Designed for low voltage, high speed switching
applications in power supplies, converters and PWM motor
controls, these devices are particularly well suited for bridge circuits
where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected
voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 30
Vdc
Vpk
Drain Current — Continuous
— Continuous @ 100
°C
— Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
8.0
6.4
24
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
40
0.32
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 8.0 Apk, L = 3.0 mH, RG = 25 Ω)
EAS
96
mJ
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
3.13
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTP8N06E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTP8N06E
TMOS POWER FET
8.0 AMPERES
60 VOLTS
RDS(on) = 0.12 OHM
Motorola Preferred Device
®
D
S
G
CASE 221A–06, Style 5
TO–220AB


Similar Part No. - MTP8N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTP8N06 VBSEMI-MTP8N06 Datasheet
1Mb / 8P
N-Channel 60 V(D-S) MOSFET
More results

Similar Description - MTP8N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTD8N06E MOTOROLA-MTD8N06E Datasheet
185Kb / 10P
TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTP15N06V MOTOROLA-MTP15N06V Datasheet
163Kb / 8P
TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP8N50E MOTOROLA-MTP8N50E Datasheet
158Kb / 6P
TMOS POWER FET 8.0 AMPERES 500 VOLTS RDS(on) = 0.8 OHM
MTW8N60E MOTOROLA-MTW8N60E Datasheet
70Kb / 2P
TMOS POWER FET 8.0 AMPERES 600 VOLTS RDS(on) = 0.55 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com