Electronic Components Datasheet Search
  English  ▼

X  

MTP8N06 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP8N06
Description  TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP8N06 Datasheet(HTML) 3 Page - Motorola, Inc

  MTP8N06 Datasheet HTML 1Page - Motorola, Inc MTP8N06 Datasheet HTML 2Page - Motorola, Inc MTP8N06 Datasheet HTML 3Page - Motorola, Inc MTP8N06 Datasheet HTML 4Page - Motorola, Inc MTP8N06 Datasheet HTML 5Page - Motorola, Inc MTP8N06 Datasheet HTML 6Page - Motorola, Inc MTP8N06 Datasheet HTML 7Page - Motorola, Inc MTP8N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP8N06E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
1
2
3
4
0
16
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
2
4
6
8
0
4
12
16
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
4
8
12
16
0.04
0.06
0.1
0.14
0
4
8
12
16
0.072
0.076
0.084
0.092
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0.6
0.8
1.2
1.6
1
10
100
10000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS ≥ 10 V
TJ = – 55°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
VGS = 10 V
VGS = 10 V
ID = 4 A
7 V
5 V
8
3
5
7
0.08
0.12
14
10
6
2
25
°C
– 55
°C
VGS = 10 V
15 V
– 50
– 25
0
25
50
75
100
125
150
0
10
20
60
30
40
TJ = 125°C
25
°C
2
6
10
14
6 V
12
8
4
0.088
0.08
1.4
1
50
4 V
9 V
8 V
1000
25
°C
100
°C
TJ = 100°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com