Electronic Components Datasheet Search
  English  ▼

X  

MP20046 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20046
Description  Fast Transient Response, 2A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20046 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20046 Datasheet HTML 1Page - Monolithic Power Systems MP20046 Datasheet HTML 2Page - Monolithic Power Systems MP20046 Datasheet HTML 3Page - Monolithic Power Systems MP20046 Datasheet HTML 4Page - Monolithic Power Systems MP20046 Datasheet HTML 5Page - Monolithic Power Systems MP20046 Datasheet HTML 6Page - Monolithic Power Systems MP20046 Datasheet HTML 7Page - Monolithic Power Systems MP20046 Datasheet HTML 8Page - Monolithic Power Systems MP20046 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP20046 – FAST TRANSIENT RESPONSE, 2A, LOW DROPOUT VOLTAGE REGULATOR
MP20046 Rev. 1.1
www.MonolithicPower.com
2
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Output Voltage
Package
Top Marking
Junction Air Temperature (TJ)
MP20046DN-F**
1.5V
SOIC8E
M20046F
MP20046DQ-G
1.8V
QFN10 (3x3)
3J
MP20046DN-J**
2.5V
SOIC8E
M20046J
MP20046DQ-S**
3.3V
QFN10 (3x3)
9N
MP20046DN-S**
3.3V
SOIC8E
M20046S
-40
oC to +85oC
*Other output voltage versions between 1.5V and 3.3V, contact factory for availability.
ORDERING GUIDE**
MP20046D - -LF-Z
See Output Voltage Selector Guide Table
Operating Temperature Range
D:Extended Temperature Range (-40OC to +85OC)
Package Type
Q: QFN10 (3mm x 3mm)
N: SOIC8E
Output Voltage
**
For RoHS Compliant Packaging, add suffix - LF (e.g. MP20046D
-
-LF);
For Tape and Reel, add suffix -Z (e.g. MP20046D
-
-LF-Z).
OUTPUT VOLTAGE SELECTOR GUIDE
Code
VOUT
Code
VOUT
F
1.5
L
2.7
W
1.6
M
2.8
G
1.8
N
2.85
D
1.85
V
2.9
Y
1.9
P
3.0
H
2.0
Q
3.1
E
2.1
X
3.15
J
2.5
R
3.2
K
2.6
S
3.3
T
2.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com