Electronic Components Datasheet Search
  English  ▼

X  

MP20046 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP20046
Description  Fast Transient Response, 2A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20046 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP20046 Datasheet HTML 2Page - Monolithic Power Systems MP20046 Datasheet HTML 3Page - Monolithic Power Systems MP20046 Datasheet HTML 4Page - Monolithic Power Systems MP20046 Datasheet HTML 5Page - Monolithic Power Systems MP20046 Datasheet HTML 6Page - Monolithic Power Systems MP20046 Datasheet HTML 7Page - Monolithic Power Systems MP20046 Datasheet HTML 8Page - Monolithic Power Systems MP20046 Datasheet HTML 9Page - Monolithic Power Systems MP20046 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP20046 – FAST TRANSIENT RESPONSE, 2A, LOW DROPOUT VOLTAGE REGULATOR
MP20046 Rev. 1.1
www.MonolithicPower.com
6
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.8V, VOUT =3.3V, CIN=COUT =47µF, TA=25
oC, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
-40 -20 0 20 40 60 80 100120140
TEMP ER AT UR E(oC)
Quiescent Current vs.
Temperature
0
20
40
60
80
100
120
3.5
4
4.5
5
5.5
INP UT VOLTAGE(V)
0
50
100
150
200
250
300
-40 -20 0 20 40 60 80 100120140
T E MP ER AT UR E(oC)
IOUT=2A
Dropout Voltage vs.
Temperature
Quiescent Current vs.
Input Voltage
0
50
100
150
200
250
0
0.5
1
1.5
2
OUT P UT C URRE NT (A)
Dropout Voltage vs.
Output Current
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
3.5
4
4.5
5
5.5
INP UT V OL T AGE(V )
EN threshold vs.
Input Voltage
EN high threshold
EN low threshold
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40 -20 0 20 40 60 80 100120140
T E MP ER AT UR E(oC)
EN threshold vs.
Temperature
EN high threshold
EN low threshold
0
1
2
3
4
5
-40 -20 0 20 40 60 80 100120140
TEMP ER AT UR E(oC)
Current Limit vs.
Temperature
0
1
2
3
4
5
3.5
4
4.5
5
5.5
INP UT VOL T AG E (V)
Current Limit vs.
Input Voltage
-0.03%
-0.02%
-0.01%
0.00%
0.01%
0.02%
0.03%
3.5
4.0
4.5
5.0
5.5
INP UT VOL T AG E (V)
Line Regulation
IOUT=1A
IOUT=0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com