Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 26Page - Microsemi Corporation FG324 Datasheet HTML 27Page - Microsemi Corporation FG324 Datasheet HTML 28Page - Microsemi Corporation FG324 Datasheet HTML 29Page - Microsemi Corporation FG324 Datasheet HTML 30Page - Microsemi Corporation FG324 Datasheet HTML 31Page - Microsemi Corporation FG324 Datasheet HTML 32Page - Microsemi Corporation FG324 Datasheet HTML 33Page - Microsemi Corporation FG324 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 162 page
background image
ProASIC3E DC and Switching Characteristics
2-16
Revision 13
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software
Settings
Table 2-13 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions
I/O Standard
Drive
Strength
Equivalent
Software
Default
Drive
Strength
Option1
Slew
Rate
VIL
VIH
VOL
VOH
IOL3 IOH3
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3V LVTTL/
3.3 V
LVCMOS
12 mA
12 mA
High –0.3
0.8
2
3.6
0.4
2.4
12
12
3.3 V
LVCMOS
Wide Range
100 µA
12 mA
High –0.3
0.8
2
3.6
0.2
VCCI – 0.2 0.1 0.1
2.5 V
LVCMOS
12 mA
12 mA
High –0.3
0.7
1.7
3.6
0.7
1.7
12
12
1.8 V
LVCMOS
12 mA
12 mA
High –0.3 0.35 * VCCI 0.65 * VCCI 3.6
0.45
VCCI – 0.45 12
12
1.5 V
LVCMOS
12 mA
12 mA
High –0.3 0.30 * VCCI 0.7 * VCCI
3.6 0.25 * VCCI 0.75 * VCCI 12
12
3.3 V PCI
Per PCI Specification
3.3 V PCI-X
Per PCI-X Specification
3.3 V GTL
20 mA2
20 mA2
High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20
20
2.5 V GTL
20 mA2
20 mA2
High –0.3 VREF – 0.05 VREF + 0.05 3.6
0.4
–
20
20
3.3 V GTL+
35 mA
35 mA
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
35
35
2.5 V GTL+
33 mA
33 mA
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.6
–
33
33
HSTL (I)
8 mA
8 mA
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4
8
8
HSTL (II)
15 mA2
15 mA2
High –0.3 VREF – 0.1 VREF + 0.1 3.6
0.4
VCCI – 0.4
15
15
SSTL2 (I)
15 mA
15 mA
High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.54
VCCI – 0.62 15
15
SSTL2 (II)
18 mA
18 mA
High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.35
VCCI – 0.43 18
18
SSTL3 (I)
14 mA
14 mA
High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.7
VCCI – 1.1
14
14
SSTL3 (II)
21 mA
21 mA
High –0.3 VREF – 0.2 VREF + 0.2 3.6
0.5
VCCI – 0.9
21
21
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. Output drive strength is below JEDEC specification.
3. Currents are measured at 85°C junction temperature.
4. Output Slew Rates can be extracted from IBIS Models, located at
http://www.microsemi.com/soc/download/ibis/default.aspx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com