Electronic Components Datasheet Search
  English  ▼

X  

FG324 Datasheet(PDF) 37 Page - Microsemi Corporation

Part # FG324
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG324 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button FG324 Datasheet HTML 33Page - Microsemi Corporation FG324 Datasheet HTML 34Page - Microsemi Corporation FG324 Datasheet HTML 35Page - Microsemi Corporation FG324 Datasheet HTML 36Page - Microsemi Corporation FG324 Datasheet HTML 37Page - Microsemi Corporation FG324 Datasheet HTML 38Page - Microsemi Corporation FG324 Datasheet HTML 39Page - Microsemi Corporation FG324 Datasheet HTML 40Page - Microsemi Corporation FG324 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
2-23
Table 2-23 • Schmitt Trigger Input Hysteresis
Hysteresis Voltage Value (typ.) for Schmitt Mode Input Buffers
Input Buffer Configuration
Hysteresis Value (typ.)
3.3 V LVTTL/LVCMOS/PCI/PCI-X (Schmitt trigger mode)
240 mV
2.5 V LVCMOS (Schmitt trigger mode)
140 mV
1.8 V LVCMOS (Schmitt trigger mode)
80 mV
1.5 V LVCMOS (Schmitt trigger mode)
60 mV
Table 2-24 • I/O Input Rise Time, Fall Time, and Related I/O Reliability*
Input Buffer
Input Rise/Fall Time
(min.)
Input Rise/Fall Time (max.)
Reliability
LVTTL/LVCMOS
(Schmitt trigger disabled)
No requirement
10 ns *
20 years
(110°C)
LVTTL/LVCMOS
(Schmitt trigger enabled)
No requirement
No requirement, but input noise
voltage
cannot
exceed
Schmitt
hysteresis.
20 years
(110°C)
HSTL/SSTL/GTL
No requirement
10 ns *
10 years
(100°C)
LVDS/B-LVDS/M-LVDS/
LVPECL
No requirement
10 ns *
10 years
(100°C)
Note: *For clock signals and similar edge-generating signals, refer to the "ProASIC3/E SSO and Pin
Placement Guidelines" chapter of the ProASIC3E FPGA Fabric User’s Guide. The maximum input
rise/fall time is related to the noise induced into the input buffer trace. If the noise is low, then the
rise time and fall time of input buffers can be increased beyond the maximum value. The longer the
rise/fall times, the more susceptible the input signal is to the board noise. Microsemi recommends
signal integrity evaluation/characterization of the system to ensure that there is no excessive noise
coupling into input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com