Electronic Components Datasheet Search
  English  ▼

X  

AX125 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 35Page - Microsemi Corporation AX125 Datasheet HTML 36Page - Microsemi Corporation AX125 Datasheet HTML 37Page - Microsemi Corporation AX125 Datasheet HTML 38Page - Microsemi Corporation AX125 Datasheet HTML 39Page - Microsemi Corporation AX125 Datasheet HTML 40Page - Microsemi Corporation AX125 Datasheet HTML 41Page - Microsemi Corporation AX125 Datasheet HTML 42Page - Microsemi Corporation AX125 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 25
3.3 V LVTTL
Low-Voltage Transistor-Transistor Logic is a general purpose standard (EIA/JESD) for 3.3 V applications.
It uses an LVTTL input buffer and push-pull output buffer.
AC Loadings
Table 2-20 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min., V
Max., V
Min., V
Max., V
Max., V
Min., V
mA
mA
–0.3
0.8
2.0
3.6
0.4
2.4
24
–24
Figure 2-15 • AC Test Loads
Table 2-21 • AC Waveforms, Measuring Points, and Capacitive Load
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
0
3.0
1.40
N/A
35
Note:
* Measuring Point = VTRIP
R to VCCI for tplz / tpzl
R to GND for tphz / tpzh
35 pF for tpzh / tpzl
5 pF for tphz / tplz
Test Point
Test Point
35 pF
for tristate
R=1k
for tpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com