Electronic Components Datasheet Search
  English  ▼

X  

AX125 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 65Page - Microsemi Corporation AX125 Datasheet HTML 66Page - Microsemi Corporation AX125 Datasheet HTML 67Page - Microsemi Corporation AX125 Datasheet HTML 68Page - Microsemi Corporation AX125 Datasheet HTML 69Page - Microsemi Corporation AX125 Datasheet HTML 70Page - Microsemi Corporation AX125 Datasheet HTML 71Page - Microsemi Corporation AX125 Datasheet HTML 72Page - Microsemi Corporation AX125 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 55
Timing Model and Waveforms
Timing Characteristics
Figure 2-28 • C-Cell Timing Model and Waveforms
Y, FCO
Y, FCO
GND
VCCA
50%
50%
50%
50%
GND
GND
50%
50%
A, B, D, FCI
tPD, tPDC
VCCA
VCCA
tPD, tPDC
tPD, tPDC
tPD, tPDC
Table 2-62 • C-Cell
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
C-Cell Propagation Delays
tPD
Any input to output Y
0.74
0.84
0.99
ns
tPDC
Any input to carry chain output (FCO)
0.57
0.64
0.76
ns
tPDB
Any input through DB when one input is used
0.95
1.09
1.28
ns
tCCY
Input to carry chain (FCI) to Y
0.61
0.69
0.82
ns
tCC
Input to carry chain (FCI) to carry chain output
(FCO)
0.08
0.09
0.11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com