Electronic Components Datasheet Search
  English  ▼

X  

AX125 Datasheet(PDF) 123 Page - Microsemi Corporation

Part # AX125
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 Datasheet(HTML) 123 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 119Page - Microsemi Corporation AX125 Datasheet HTML 120Page - Microsemi Corporation AX125 Datasheet HTML 121Page - Microsemi Corporation AX125 Datasheet HTML 122Page - Microsemi Corporation AX125 Datasheet HTML 123Page - Microsemi Corporation AX125 Datasheet HTML 124Page - Microsemi Corporation AX125 Datasheet HTML 125Page - Microsemi Corporation AX125 Datasheet HTML 126Page - Microsemi Corporation AX125 Datasheet HTML 127Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 109
throughout the fabric of the device and may be programmed by the user to thwart attempts to reverse
engineer the device by attempting to exploit either the programming or probing interfaces. Both invasive
and noninvasive attacks against an Axcelerator device that access or bypass these security fuses will
destroy access to the rest of the device. (refer to the Design Security in Nonvolatile Flash and Antifuse
FPGAs
white paper).
Look for this symbol to ensure your valuable IP is protected with highest level of security in the industry.
To ensure maximum security in Axcelerator devices, it is recommended that the user program the device
security fuse (SFUS). When programmed, the Silicon Explorer II testing probes are disabled to prevent
internal probing, and the programming interface is also disabled. All JTAG public instructions are still
accessible by the user.
For more information, refer to the Implementation of Security in Actel Antifuse FPGAs application note.
Global Set Fuse
The Global Set Fuse determines if all R-cells and I/O registers (InReg, OutReg, and EnReg) are either
cleared or preset by driving the GCLR and GPSET inputs of all R-cells and I/O Registers (Figure 2-31 on
page 2-58). Default setting is to clear all registers (GCLR = 0 and GPSET =1) at device power-up. When
the GBSETFUS option is checked during FUSE file generation, all registers are preset (GCLR = 1 and
GPSET= 0). A local CLR or PRESET will take precedence over this setting. Both pins are pulled High
during normal device operation. For use details, see the Libero IDE online help.
Silicon Explorer II Probe Interface
Silicon Explorer II is an integrated hardware and software solution that, in conjunction with the Designer
tools, allows users to examine any of the internal nets (except I/O registers) of the device while it is
operating in a prototype or a production system. The user can probe up to four nodes at a time without
changing the placement and routing of the design and without using any additional device resources.
Highlighted nets in Designer’s ChipPlanner can be accessed using Silicon Explorer II in order to observe
their real time values.
Silicon Explorer II's noninvasive method does not alter timing or loading effects, thus shortening the
debug cycle. In addition, Silicon Explorer II does not require relayout or additional MUXes to bring signals
out to external pins, which is necessary when using programmable logic devices from other suppliers. By
eliminating multiple place-and-route program cycles, the integrity of the design is maintained throughout
the debug process.
Each member of the Axcelerator family has four external pads: PRA, PRB, PRC, and PRD. These can be
used to bring out four probe signals from the Axcelerator device (note that the AX125 only has two probe
signals that can be observed: PRA and PRB). Each core tile has up to two probe signals. To disallow
probing, the SFUS security fuse in the silicon signature has to be programmed (see "Special Fuses" on
page 2-108).
Silicon Explorer II connects to the host PC using a standard serial port connector. Connections to the
circuit board are achieved using a nine-pin D-Sub connector (Figure 1-9 on page 1-7). Once the design
has been placed-and-routed, and the Axcelerator device has been programmed, Silicon Explorer II can
be connected and the Explorer software can be launched.
Silicon Explorer II comes with an additional optional PC hosted tool that emulates an 18-channel logic
analyzer. Four channels are used to monitor four internal nodes, and 14 channels are available to probe
external signals. The software included with the tool provides the user with an intuitive interface that
allows for easy viewing and editing of signal waveforms.
Figure 2-69 • FuseLock Logo
™
e
u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com