Electronic Components Datasheet Search
  English  ▼

X  

MP20049 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20049
Description  Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20049 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20049 Datasheet HTML 1Page - Monolithic Power Systems MP20049 Datasheet HTML 2Page - Monolithic Power Systems MP20049 Datasheet HTML 3Page - Monolithic Power Systems MP20049 Datasheet HTML 4Page - Monolithic Power Systems MP20049 Datasheet HTML 5Page - Monolithic Power Systems MP20049 Datasheet HTML 6Page - Monolithic Power Systems MP20049 Datasheet HTML 7Page - Monolithic Power Systems MP20049 Datasheet HTML 8Page - Monolithic Power Systems MP20049 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP20049 – ULTRA-LOW NOISE, HIGH PSRR 150mA LINEAR REGULATOR IN 0.8x0.8mm WLCSP
MP20049 Rev. 1.1
www.MonolithicPower.com
2
10/22/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
VOUT(V)
Top Marking
Free Air Temperature (TA)
MP20049DC-2.8**
WLCSP
(0.8x0.8mm)
2.8
TCO
-40
°C to +125°C
* For Tape & Reel, add suffix –Z (e.g. MP20049DC–Z);
For RoHS, compliant packaging, add suffix –LF (e.g. MP20049DC–LF–Z).
** Contact factory for other fixed Output Options.
ORDERING GUIDE**
PACKAGE REFERENCE
VIN
VOUT
EN
GND
TOP VIEW
(Not to Scale)
A
B
1
2
0.8x0.8mm WLCSP
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Input Voltage ................................ 6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
WLCSP ................................................. 0.37W
Storage Temperature Range .... -65°C to 150°C
Lead Temperature (Soldering, 10sec) ....300°C
ESD SUSCEPTIBILITY
(3)
HBM (Human Body Mode) ..........................2kV
MM (Machine Mode) ................................ 200V
Recommended Operating Conditions
(4)
Supply Input Voltage ......................2.3V to 6.0V
Enable Input Voltage ........................0V to 5.5V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
WLCSP.................................. 330 ..... n/a ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices
are
ESD
sensitive.
Handling
precaution
recommended.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com