Electronic Components Datasheet Search
  English  ▼

X  

MP20049 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20049
Description  Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20049 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20049 Datasheet HTML 1Page - Monolithic Power Systems MP20049 Datasheet HTML 2Page - Monolithic Power Systems MP20049 Datasheet HTML 3Page - Monolithic Power Systems MP20049 Datasheet HTML 4Page - Monolithic Power Systems MP20049 Datasheet HTML 5Page - Monolithic Power Systems MP20049 Datasheet HTML 6Page - Monolithic Power Systems MP20049 Datasheet HTML 7Page - Monolithic Power Systems MP20049 Datasheet HTML 8Page - Monolithic Power Systems MP20049 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP20049
Ultra-Low Noise, High PSRR
150mA Linear Regulator in 0.8x0.8mm WLCSP
MP20049 Rev. 1.1
www.MonolithicPower.com
1
10/22/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20049 is an ultra-low noise, low-dropout,
high PSRR linear regulator. Fixed output
voltage options are available between 1.2V to
4.5V with 1% accuracy while operating from a
+2.3V to +6V input. It is designed to deliver up
to 150mA of load current. Dropout voltage is
only 60mV at full load.
The MP20049 uses an internal PMOS as the
pass element, which consumes 50µA supply
current at no load condition and is suitable for
battery-power devices. New innovative design
techniques enable the MP20049 to achieve
ultra-low output voltage noise of only 16µVRMS
without a noise bypass capacitor.
The MP20049 is designed and optimized to
work with low value, low cost ceramic
capacitors. It typically requires only 1µF of
output capacitance for stability with any load.
The MP20049 features current limit and over
temperature protection and is available in a tiny
4-ball 0.8x0.8mm WLCSP package.
FEATURES
• Linear Regulator in 0.8x0.8mm WLCSP
• Input Voltage Range: 2.3V to 6V
• Up to 150mA Output Current
• 16µVRMS Output Noise (100Hz to 100kHz)
with No Bypass Capacitor required
• High PSRR:
•
78dB @1kHz
•
55dB @100kHz
• Low Dropout:
•
50mV @120mA Load
•
60mV @150mA Load
• Stable with 1µF Ceramic Capacitor for Any
Load
• Very Fast Line/Load Transient Response
• Current Limit and Thermal Protection
APPLICATIONS
• Cellular Mobile Phones
• Digital Cameras
• Handheld and Battery-powered Equipment
• Wireless LAN
• Post DC-to-DC Regulation
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
VOUT
EN
GND
VIN
MP20049
VOUT


Similar Part No. - MP20049

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
415Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
7/15/2019 Rev. 1.2
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results

Similar Description - MP20049

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Texas Instruments
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com