Electronic Components Datasheet Search
  English  ▼

X  

MP24830HS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP24830HS
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830HS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP24830HS Datasheet HTML 5Page - Monolithic Power Systems MP24830HS Datasheet HTML 6Page - Monolithic Power Systems MP24830HS Datasheet HTML 7Page - Monolithic Power Systems MP24830HS Datasheet HTML 8Page - Monolithic Power Systems MP24830HS Datasheet HTML 9Page - Monolithic Power Systems MP24830HS Datasheet HTML 10Page - Monolithic Power Systems MP24830HS Datasheet HTML 11Page - Monolithic Power Systems MP24830HS Datasheet HTML 12Page - Monolithic Power Systems MP24830HS Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
9
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP24830 is a current-mode regulator. The
error
amplifier
(EA)
output
voltage
is
proportional to the peak inductor current.
At the beginning of a cycle, M1 is off. The EA
output voltage exceeds the current sense
amplifier output, and the current comparator’s
output is low. The rising edge of the CLK signal
(its frequency equals the switching frequency)
triggers the RS flip-flop. The driver turns on the
external MOSFET, thus connecting the SW pin
and inductor to the input supply.
The current-sense amplifier (CSA) senses the
increasing
inductor
current.
The
PWM
comparator compares the sum of the ramp
generator and the CSA output against the
output of the error amplifier. When the sum of
the CSA output and the ramp generator signal
exceeds the EA output voltage, the RS flip-flop
resets and driver turns off the external
MOSFET. The external Schottky rectifier diode
(D1) conducts the inductor current.
If the sum of the CSA output and the ramp
compensation signal does not exceed the EA
output for a whole cycle, then the falling edge of
the CLK resets the flip-flop.
The output of the EA integrates the voltage
difference between the feedback and the 0.2V
reference: A value of 0.2V-VFB increases the EA
output voltage. Since the EA output voltage is
proportional to the peak inductor current,
increasing its voltage also increases the current
delivered to the output.
LED Open Protection
If the LED is open, there is no voltage on the
FB pin. The duty cycle increases until OVP-
VSS reaches the shutdown threshold set by the
external resistor divider. The top switch remains
off until the voltage OVP-VSS drops below 1.2V.
LED Short Protection
If the FB voltage exceeds 600mV, the latches
off immediately and DIMO goes low. If the FB
voltage exceeds 300mV for 450µs, the IC
latches off and DIMO is pulled low. The EN
needs to reset to restart the IC.
Dimming Control
The MP24830 allows both DC and PWM
dimming on the DIM pin. For analog dimming, a
voltage range from 0.6V to 1.95V linearly sets
the LED current from 0% to 100% of the
maximum LED current. DIM voltages exceeding
2V results in the maximum LED current. For
PWM dimming, use a square signal with an
amplitude (VDIM – VINGND) that exceeds 1.95V.
For good dimming linearity, select a PWM
frequency in range of 100Hz to 2kHz. For a
higher dimming frequency or dimming ratio, use
the DIMO pin to control an external dimming
MOSFET. For combined analog and PWM
dimming, apply a PWM signal with amplitude of
0.6V to 1.95V on the DIM pin.
Output Short-Circuit Protection
The MP24830 integrates output short-circuit
protection (SCP) to foldback the operating
frequency and decrease power consumption
when the output is shorted to VSS. Such shorts
cause the voltage on the OVP pin to drop below
0.4V, and the FB pin senses no voltage (<0.1V)
as no current goes through the WLED.
In buck-boost applications, when there is a
possibility that LED+ short-circuits to VSS, add
a diode from VSS to INGND to protect the IC,
as shown in below in Figure 2.
VDD
OVP
BST
SW
DR
CS
FB
DIMO
RSET
COMP
MP24830
VSS
INGND
EN
DIM
OFF ON
VIN
Step-up/down White LED Driver Applicatoin
DC or PWM Input
Figure 2: Buck-Boost Application with Possible
LED+ Short to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com