Electronic Components Datasheet Search
  English  ▼

X  

MP24830HS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP24830HS
Description  4.5V . 90V, Programmable Frequency White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830HS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP24830HS Datasheet HTML 7Page - Monolithic Power Systems MP24830HS Datasheet HTML 8Page - Monolithic Power Systems MP24830HS Datasheet HTML 9Page - Monolithic Power Systems MP24830HS Datasheet HTML 10Page - Monolithic Power Systems MP24830HS Datasheet HTML 11Page - Monolithic Power Systems MP24830HS Datasheet HTML 12Page - Monolithic Power Systems MP24830HS Datasheet HTML 13Page - Monolithic Power Systems MP24830HS Datasheet HTML 14Page - Monolithic Power Systems MP24830HS Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP24830 — 4.5V–90V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24830 Rev. 1.0
www.MonolithicPower.com
12
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
(2)Compensation network for Buck
application
The DC modulator gain of the buck power stage
(from the output current to the control voltage)
is:
CS
1
DCGain _ Buck
20 R
The dominant, low frequency pole of the buck
power stage is:
P_ Buck
FB
LED
ESR
OUT
1
f
2(R
R
R
) C

The zero produced by the ESR of the output
capacitor is:
Z _ ESR
OUT
ESR
1
f
2C
* R

Where RESR is the ESR of the output capacitor.
Step 1: Select RCOMP
Choose a crossing frequency, fC, below 1/5×fC
to derive the compensation network as follows
(assume CZ>>CP):
c
COMP
Buck
FB
p _ Buck
f
R_
gm R
DCGain _ Buck * f

That is:
c
OUT
CS
FB
LED
ESR
COMP _ Buck
FB
2f
C
20 R
(R
R
R
)
R
gm R

Step 2: Select CZ
Set the zero of the compensation network to
cancel the minimum pole of the Buck power
stage to get:
z_ Buck
P_ Buck
COMP _ Buck
1
C
2f
R

Step 3: Select CP
Set the pole of the compensation network to
cancel the ESR zero. If the ESR zero is too
high, set this pole at around 3 to 5 times fC:
p
z _ ESR
COMP _ Buck
c
COMP _ Buck
11
Cmax(
,
)
2f
R
2
5f
R

 
Selecting the Inductor
Select the inductor based on the input voltage,
the output voltage, and the LED current. Select
the inductor to make the circuit operate in
continuous current mode (CCM). Select the
inductor current rating to ensure that the
inductor
does
not
saturate
and
with
consideration to power consumption based on
the DC resistance.
(1) Selecting the Inductor for Buck-Boost
Applications
For buck-boost applications, select the inductor
based on the following equation:
IN
OUT
SW
IN
OUT
L
VV
L
f(V
V
)
I
 
Where ΔIL is the peak-to-peak inductor current
ripple. Design ΔIL to be between 30% and 60%
of the average current of the inductor, which is:
OUT
L _ AVG
LED
IN
V
II
* (1
)
V

Select the inductor with a DC current rating that
ensurew that the inductor does not saturated at
the peak current of:
L_PK
L_ AVG
L
II
0.5 I

(2) Selecting the Inductor for Buck Applications
For buck applications, derive the inductance
value from the following equation.
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to around
30% to 60% of the maximum load current. The
maximum inductor peak current is calculated as:
2
I
I
I
L
LOAD
)
MAX
(
L
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. For best results, use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com