Electronic Components Datasheet Search
  English  ▼

X  

MP24892 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24892
Description  Step Down White LED Driver with Wide 6V??5V Input Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24892 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24892 Datasheet HTML 1Page - Monolithic Power Systems MP24892 Datasheet HTML 2Page - Monolithic Power Systems MP24892 Datasheet HTML 3Page - Monolithic Power Systems MP24892 Datasheet HTML 4Page - Monolithic Power Systems MP24892 Datasheet HTML 5Page - Monolithic Power Systems MP24892 Datasheet HTML 6Page - Monolithic Power Systems MP24892 Datasheet HTML 7Page - Monolithic Power Systems MP24892 Datasheet HTML 8Page - Monolithic Power Systems MP24892 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP24892 – STEP DOWN WLED DRIVER WITH WIDE 6V–45V INPUT VOLTAGE
MP24892 Rev. 1.0
www.MonolithicPower.com
4
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-5
Pin#
Name Description
1
SW
Internal MOSFET Drain. Connecting the common terminal of inductor and anode of
Schottky to this pin.
2
GND
Ground.
3
EN/DIM
Enable/Dimming. Apply a square wave signal for PWM dimming (refer to application
information). Apply a 0.3V
–2.5V DC voltage for analog dimming. The DC voltage linearly
controls the LED current range from 25% to 200%. Turn off the output current when pulling
this pin below 0.2V. Connect a 1nF
–10nF capacitor for normal operation (VEN/DIM=1.28V).
4
RS
LED Current Sense Input. Connect the current sense resistor to this pin.
5
IN
Input Supply. Connect an appropriate decoupling capacitor from IN pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com