Electronic Components Datasheet Search
  English  ▼

X  

MP24892 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP24892
Description  Step Down White LED Driver with Wide 6V??5V Input Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24892 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP24892 Datasheet HTML 1Page - Monolithic Power Systems MP24892 Datasheet HTML 2Page - Monolithic Power Systems MP24892 Datasheet HTML 3Page - Monolithic Power Systems MP24892 Datasheet HTML 4Page - Monolithic Power Systems MP24892 Datasheet HTML 5Page - Monolithic Power Systems MP24892 Datasheet HTML 6Page - Monolithic Power Systems MP24892 Datasheet HTML 7Page - Monolithic Power Systems MP24892 Datasheet HTML 8Page - Monolithic Power Systems MP24892 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP24892
Step Down White LED Driver
with Wide 6V–45V Input Voltage
MP24892 Rev. 1.0
www.MonolithicPower.com
1
11/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP24892 is a high-efficiency step-down
converter that functions in continuous current
mode to drive high-brightness LED. It can take
a wide input voltage range of 6V–45V.
The MP24892 employs a hysteretic control
architecture to regulate a high-accuracy LED
current, which is measured through an external
high-side current-sensing resistor. Moreover,
this control scheme provides optimal circuit
stabilization and a very quick response time
without loop compensation. Its low 202mV
average feedback voltage reduces power loss
and improves the converter efficiency.
The MP24892 implements PWM and analog
dimming together through the DIM pin.
The MP24892 includes thermal overload
protection that prevents damage in the event of
an output overload.
The MP24892 is available in a small TSOT23-5
package.
FEATURES
 Wide 6V-to-45V Input Range
 1A Output Current
 High Efficiency (>95%)
 Hysteresis Control
 PWM & Analog Dimming
 1000:1 PWM Dimming Resolution
 Thermal Shutdown
 Inherent Open LED Protection
 Short LED Protection
 Available in a TSOT23-5 Package
APPLICATIONS
 Low-Voltage Halogen Replacement
 Low-Voltage General Illumination
 Automotive/Decorative LED Lighting
 Signs/Emergency Lighting
 LED Backlighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under the Products, Quality
Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
R
45
SENSE
D1
L1
IN
CIN
RS
SW
EN/DIM
GND
MP24892


Similar Part No. - MP24892

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24893DJ MPS-MP24893DJ Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24893DJ MPS-MP24893DJ Datasheet
402Kb / 4P
Step-Down White LED Driver Evaluation Board
MP24893DQ MPS-MP24893DQ Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
More results

Similar Description - MP24892

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3592 LINER-LT3592 Datasheet
309Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24894 MPS-MP24894 Datasheet
242Kb / 12P
Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
logo
Linear Integrated Syste...
DC1205A LINEAR-DC1205A Datasheet
297Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Linear Technology
LT3592 LINER-LT3592_15 Datasheet
320Kb / 24P
500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com