Electronic Components Datasheet Search
  English  ▼

X  

PD09-12 Datasheet(PDF) 2 Page - Alpha Industries

Part # PD09-12
Description  Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

PD09-12 Datasheet(HTML) 2 Page - Alpha Industries

  PD09-12 Datasheet HTML 1Page - Alpha Industries PD09-12 Datasheet HTML 2Page - Alpha Industries PD09-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Two-Way 0° Power Splitter Combiner 0.81–0.96 GHz
PD09-12
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/99A
-4.0
-3.8
-3.6
-3.4
-3.2
-3.0
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
Insertion Loss vs. Frequency
Port 1
Port 2
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Isolation vs. Frequency
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
Output VSWR vs. Frequency
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
-0.10
-0.05
0.00
0.05
0.10
Amp. Balance vs. Frequency
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
Input VSWR vs. Frequency
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
-3
-2
-1
0
1
2
3
Phase Balance vs. Frequency
Typical Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com