Electronic Components Datasheet Search
  English  ▼

X  

PD09-12 Datasheet(PDF) 3 Page - Alpha Industries

Part # PD09-12
Description  Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

PD09-12 Datasheet(HTML) 3 Page - Alpha Industries

  PD09-12 Datasheet HTML 1Page - Alpha Industries PD09-12 Datasheet HTML 2Page - Alpha Industries PD09-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Two-Way 0° Power Splitter Combiner 0.81–0.96 GHz
PD09-12
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 3/99A
Characteristic
Value
Input Power1
1.5 W CW
Input Power2
0.75 CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1. When used as a power divider with a 2.0:1 maximum VSWR on all ports.
2. When used as a power combiner with a 2.0:1 maximum VSWR on all ports.
Recommended Board Layout
0.020 DIA.
VIA 3 PLACES
,,,,
,,,,
,,,,
,,,,
,,,,
,,,
,,,
,,,
,,,
,,,
,,,,
,,,,
,,,,
,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,,
,,,,,,
0.170
0.029 TYP.
0.018
TYP.
0.028
TYP.
Material is 10 mil FR4
SOIC-8
0.049
(1.24 mm)
0.016
(0.41 mm)
0.016 MAX.
(0.41 mm) x
45˚ CHAMFER
PIN 1
0.197 (5.00 mm)
0.189 (4.80 mm)
0.068
(1.73 mm) MAX.
0.010 (0.25 mm)
0.004 (0.10 mm)
0.010 (0.25 mm)
0.007 (0.17 mm)
0.158 (4.00 mm)
0.150 (3.80 mm)
8˚
MAX.
0.020 (0.51 mm) MAX.
0.244 (6.20 mm)
0.228 (5.80 mm)
0.050 (1.27 mm) BSC
PIN 8
PIN 1
INDICATOR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com