Electronic Components Datasheet Search
  English  ▼

X  

MP26028 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26028
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26028 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26028 Datasheet HTML 1Page - Monolithic Power Systems MP26028 Datasheet HTML 2Page - Monolithic Power Systems MP26028 Datasheet HTML 3Page - Monolithic Power Systems MP26028 Datasheet HTML 4Page - Monolithic Power Systems MP26028 Datasheet HTML 5Page - Monolithic Power Systems MP26028 Datasheet HTML 6Page - Monolithic Power Systems MP26028 Datasheet HTML 7Page - Monolithic Power Systems MP26028 Datasheet HTML 8Page - Monolithic Power Systems MP26028 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP26028 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26028 Rev.1.01
www.MonolithicPower.com
5
10/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, CIN = 10µF, COUT = 4.7µF, TA = +25C, unless otherwise noted.
4.5
4.3
4.1
3.9
3.7
3.5
4.5
4.8
5.1
5.4
5.8
6.0
INPUT VOLTAGE (V)
Battery Voltage vs
Input Voltage
ICHG=0.43A
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
40
80
120
160
200
CHARGE TIME (MINUTES)
Battery Charge Curve
VBATT
IBATT
1100
900
700
500
300
100
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
BATTERY VOLTAGE (V)
Charge Currents vs
Battery Voltage
1.0A
0.5A
0.2A
1.2
1.0
0.8
0.6
0.4
0.2
0
0.0
1.0
2.0
3.0
4.0
BATTERY VOLTAGE (V)
Charge Current vs
Battery Voltage
VIN
5V/div.
VBATT
2V/div.
IBATT
0.5A/div.
VEN
5V/div.
VIN
5V/div.
VBATT
2V/div.
IBATT
0.5A/div.
VEN
5V/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com