Electronic Components Datasheet Search
  English  ▼

X  

MP26028 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26028
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26028 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26028 Datasheet HTML 1Page - Monolithic Power Systems MP26028 Datasheet HTML 2Page - Monolithic Power Systems MP26028 Datasheet HTML 3Page - Monolithic Power Systems MP26028 Datasheet HTML 4Page - Monolithic Power Systems MP26028 Datasheet HTML 5Page - Monolithic Power Systems MP26028 Datasheet HTML 6Page - Monolithic Power Systems MP26028 Datasheet HTML 7Page - Monolithic Power Systems MP26028 Datasheet HTML 8Page - Monolithic Power Systems MP26028 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP26028
1A Linear
Li-Ion Battery Charger with Trickle Charge
MP26028 Rev.1.01
www.MonolithicPower.com
1
10/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26028 is a linear, high-performance
single cell Li-Ion battery charger. By integrating
high voltage input protection into the charger IC,
the MP26028 can tolerate an input surge up to
20V.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (85mA to 1A),
programmable battery full threshold, thermal
protection, reverse current blocking, and trickle
charge. The device also provides AC adapter
power good and charge status indications to the
system.
MP26028 is available in a 10-pin 3mm x 3mm
QFN package.
FEATURES
 Input Surge Up to 20V
 Adapter or USB Input
 Programmable Charge Current: 85mA to 1A
 Proprietary Constant Voltage Auto Recharge
 Proprietary Over-Voltage Protection
 0.75% VBATT Accuracy
 <1µA Battery Reverse Current
 90µA Standby Current from VIN
 Over Current Protection
 AC Adapter Power Good Indicator
 Charge Status Indicator
 Programmable Soft-Start
 Programmable Charge Termination Current
Threshold
 Tiny 10-Pin QFN (3mm x 3mm) Package
APPLICATIONS
 Cell Phones
 MP3 Players
 Smart Phones
 PDAs
 Digital Cameras
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP26028
BATT
ISET
IBF
SS
GND
10
9
8
7
6
IN
CHG
ACOK
EN
VBIAS
1
2
3
4
5
CIN
1uF
430
Ω
R1
500k
Ω
430
Ω
R2
100k
Ω
CSS
0.1uF
COUT
1uF - 22uF
To system
IBATT
VBATT
+
_
RBF
20k
Ω
RCHG
2.3k
Ω
3.5V - 20V
OFF
ON


Similar Part No. - MP26028

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602DQ MPS-MP2602DQ Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP26028

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com