Electronic Components Datasheet Search
  English  ▼

X  

MP26121 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP26121
Description  28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26121 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP26121 Datasheet HTML 3Page - Monolithic Power Systems MP26121 Datasheet HTML 4Page - Monolithic Power Systems MP26121 Datasheet HTML 5Page - Monolithic Power Systems MP26121 Datasheet HTML 6Page - Monolithic Power Systems MP26121 Datasheet HTML 7Page - Monolithic Power Systems MP26121 Datasheet HTML 8Page - Monolithic Power Systems MP26121 Datasheet HTML 9Page - Monolithic Power Systems MP26121 Datasheet HTML 10Page - Monolithic Power Systems MP26121 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP26121 – +28V, 1A Li+ Linear Batt Charger with Flexible NTC Interface
MP26121 Rev. 0.9
www.MonolithicPower.com
9
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Under full charge conditions, certain systems
may draw a very narrow current pulse that
exceeds the IBF threshold. The CHG indicator
may glitch. It is desirable to blank the
CHG glitch
so that the system can properly indicate full
charge conditions to the user. A simple solution
is to add a RC filter on the CHG pin to filter out
the possible
CHG glitch, as shown in Figure 4.
Figure 4—Filtered Charge Status with GPIO Connection
© 2008 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com