Electronic Components Datasheet Search
  English  ▼

X  

MP26121 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26121
Description  28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26121 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26121 Datasheet HTML 1Page - Monolithic Power Systems MP26121 Datasheet HTML 2Page - Monolithic Power Systems MP26121 Datasheet HTML 3Page - Monolithic Power Systems MP26121 Datasheet HTML 4Page - Monolithic Power Systems MP26121 Datasheet HTML 5Page - Monolithic Power Systems MP26121 Datasheet HTML 6Page - Monolithic Power Systems MP26121 Datasheet HTML 7Page - Monolithic Power Systems MP26121 Datasheet HTML 8Page - Monolithic Power Systems MP26121 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP26121
28V, 1A Li + Linear Battery Charger
with 10% Battery-Full Threshold
and Flexible NTC Interface
MP26121 Rev. 0.9
www.MonolithicPower.com
1
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26121 is a linear, high-performance
single cell Li-Ion/Li-Polymer battery charger. By
integrating high voltage input protection into the
charger IC, the MP26121 can tolerate an input
surge up to +28V.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (200mA to 1A),
current blocking, and trickle charge. The device
also
provides
fault
and
charge
status
indications to the system.
For guaranteed safe operation, the MP26121
reduces charge current when the device
reaches high temperature (due to limited PCB
space). Other safety features include battery
temperature monitoring and programmable
timer to complete the charging cycle.
The MP26121 is available in 10-pin 3mm x
3mm QFN packages.
FEATURES
• Interfaces to Many NTC Resistor Values
• Proprietary VIN Surge Protection up to 28V
• Programmable Charge Current up to 1A
• 1% Voltage Accuracy
• 10% Battery-Full Threshold
• No Reverse Blocking Diode Required
• Intelligent Thermal Management
• Trickle Charge
• 7V Input OVP
• Auto Recharge
• Charge-Timer
• Fault and Charge Status Indicators
APPLICATIONS
• Cell Phones
• Digital Cameras
• Smart Phones
• PDAs
• MP3 Players
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP26121

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP26123DR MPS-MP26123DR Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
MP26124GR MPS-MP26124GR Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results

Similar Description - MP26121

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
28V, 1A Li Linear Battery Charger with Timer and LDO Mode
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com