Electronic Components Datasheet Search
  English  ▼

X  

MP26123 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP26123
Description  2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26123 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP26123 Datasheet HTML 1Page - Monolithic Power Systems MP26123 Datasheet HTML 2Page - Monolithic Power Systems MP26123 Datasheet HTML 3Page - Monolithic Power Systems MP26123 Datasheet HTML 4Page - Monolithic Power Systems MP26123 Datasheet HTML 5Page - Monolithic Power Systems MP26123 Datasheet HTML 6Page - Monolithic Power Systems MP26123 Datasheet HTML 7Page - Monolithic Power Systems MP26123 Datasheet HTML 8Page - Monolithic Power Systems MP26123 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP26123 – 2A, 24V INPUT, 600kHz 2-3 CELL SWITCHING LI-ION BATTERY CHARGER
MP26123 Rev. 1.01
www.MonolithicPower.com
2
10/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP26123DR
QFN16 (4x4mm)
M26123
-40°C to +85°C
*For Tape & Reel, add suffix –Z (e.g. MP26123DR–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP MP26123DR–LF–Z)
PACKAGE REFERENCE
TOP VIEW
EXPOSED PAD
ON BACKSIDE
PIN 1 ID
VCC
NTC
ACOK
CHGOK
GND
CSP
BATT
COMPI
1
2
3
4
13
14
15
16
8
7
6
5
COMPV
CELLS
EN
VREF33
TMR
BST
SW
VIN
12
11
10
9
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VCC, VIN ............................ 26V
VSW..................................... -0.3V to (VIN + 0.3V)
VBST ...................................................... VSW + 6V
VCSP, VBATT, ...................................-0.3V to +18V
VACOK, VCHGOK, ..............................-0.3V to +26V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA = 25°C)
(2)
............................................................. 2.7W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................9V to 24V
Maximum Junction Temp. (TJ) ..................125°C
Thermal Resistance
(4)
θJA
θJC
QFN16 (4x4mm)..................... 46 ...... 10... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com