Electronic Components Datasheet Search
  English  ▼

X  

MP26123 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26123
Description  2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26123 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26123 Datasheet HTML 1Page - Monolithic Power Systems MP26123 Datasheet HTML 2Page - Monolithic Power Systems MP26123 Datasheet HTML 3Page - Monolithic Power Systems MP26123 Datasheet HTML 4Page - Monolithic Power Systems MP26123 Datasheet HTML 5Page - Monolithic Power Systems MP26123 Datasheet HTML 6Page - Monolithic Power Systems MP26123 Datasheet HTML 7Page - Monolithic Power Systems MP26123 Datasheet HTML 8Page - Monolithic Power Systems MP26123 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP26123 – 2A, 24V INPUT, 600kHz 2-3 CELL SWITCHING LI-ION BATTERY CHARGER
MP26123 Rev. 1.01
www.MonolithicPower.com
5
10/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
IC supply voltage.
2
NTC
Thermistor Input. Connect a resistor from this pin to VREF33, and the thermistor from this
pin to ground.
3
ACOK
Valid Input Supply Indicator. Open drain output. Add pull-up resistor. Logic LOW indicates
the presence of a valid input supply.
4
CHGOK
Charging Status Indicator. Open drain output. Add pull-up resistor. Logic LOW indicates
normal charging. Logic HIGH indicates either a completed charge process or suspended
process because of some fault.
5
VREF33
Internal Linear Regulator, 3.3V Reference Output. Bypass to GND with a 1μF ceramic
capacitor.
6
EN
On/Off Control Input.
7
CELLS
Command Input for the Number of Li-ion Cells. Connect to VREF33 or float for 3-cell
operation. Ground for 2-cell operation.
8
COMPV V-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
9
COMPI I-LOOP Compensation. Decouple this pin with a capacitor and a resistor.
10
BATT
Positive Battery Terminal.
11
CSP
Battery-Charge Current-Sense–Positive Input. Connect a resistor RS1 between CSP and
BATT. The full charge current is:


mΩ
RS1
200mV
A
I
CHG
.
12
GND
Ground. This pin is the voltage reference for the regulated output voltage. This node should
be placed outside of the switching diode (D2) to the input ground path to prevent switching
current spikes from inducing voltage noise into the part.
13
TMR
Set Safe Timer Period. 0.1µA current charges and discharges the external capacitor
decoupled to GND. The capacitor value programs the timer period.
14
BST
Bootstrap. Requires a charged capacitor to drive the power switch’s gate above the supply
voltage. Connect a capacitor between SW and BST pins to form a floating supply across the
power switch driver.
15
SW
Switch Output.
16
VIN
Regulator Input Voltage. The MP26123 regulates a 9V-to-24V input to a voltage suitable for
charging either a 2- or 3-cell Li-ion battery. Requires capacitors to prevent large voltage
spikes from appearing at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com