Electronic Components Datasheet Search
  English  ▼

X  

MP28119 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28119
Description  Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28119 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28119 Datasheet HTML 1Page - Monolithic Power Systems MP28119 Datasheet HTML 2Page - Monolithic Power Systems MP28119 Datasheet HTML 3Page - Monolithic Power Systems MP28119 Datasheet HTML 4Page - Monolithic Power Systems MP28119 Datasheet HTML 5Page - Monolithic Power Systems MP28119 Datasheet HTML 6Page - Monolithic Power Systems MP28119 Datasheet HTML 7Page - Monolithic Power Systems MP28119 Datasheet HTML 8Page - Monolithic Power Systems MP28119 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP28119 – ULTRA-SMALL 1.7MHZ, 600MA LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MP28119 Rev.0.91
www.MonolithicPower.com
2
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
VOUT
Package
Temperature
Top Marking
MP28119EG-1.0
1.0V
9K
MP28119EG-1.2*
1.2V
MP28119EG*
ADJ
2x2 QFN8
-20°C to +85°C
4Q
* Contact factory for availability.
**
MP28119EG-1.0 is fixed to 1V output, and MP28119EG-1.2 is fixed to 1.2V output. For RoHS Compliant Packaging, add suffix - LF (e.g.
MP28119EG-LF); For Tape and Reel, add suffix -Z (e.g. MP28119EG-LF-Z).
PACKAGE REFERENCE
TOP VIEW
SW
NC
NC
EN
1
2
3
4
GND
IN
GND
FB
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
TOP VIEW
SW
NC
NC
EN
1
2
3
4
GND
IN
GND
OUT
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
External FB
QFN8
(2mm x 2mm)
Fixed Output
QFN8
(2mm x 2mm)
ABSOLUTE MAXIMUM RATINGS
(1)
VIN to GND ..................................–0.3V to +6.5V
VSW to GND........................... –0.3V to VIN +0.3V
VFB, VEN to GND ..........................–0.3V to +6.5V
Junction Temperature.............................+150
C
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 1.5W
Lead Temperature ..................................+260
C
Storage Temperature ............. –65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Output Voltage VOUT...........................0.6V to 6V
Operating Temperature............. –20
C to +85C
Thermal Resistance
(4)
θJA
θJC
2x2 QFN8................................80 ...... 16 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature. TJ(MAX) the junction-to-
ambient thermal resistance θJA and the ambient temperature
TA. The maximum allowable power dissipation at any ambient
temperature is calculated using: PD(MAX)=(TJ(MAX)-TA)/ θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com