Electronic Components Datasheet Search
  English  ▼

X  

MP28119 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28119
Description  Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28119 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28119 Datasheet HTML 4Page - Monolithic Power Systems MP28119 Datasheet HTML 5Page - Monolithic Power Systems MP28119 Datasheet HTML 6Page - Monolithic Power Systems MP28119 Datasheet HTML 7Page - Monolithic Power Systems MP28119 Datasheet HTML 8Page - Monolithic Power Systems MP28119 Datasheet HTML 9Page - Monolithic Power Systems MP28119 Datasheet HTML 10Page - Monolithic Power Systems MP28119 Datasheet HTML 11Page - Monolithic Power Systems MP28119 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP28119 – ULTRA-SMALL 1.7MHZ, 600MA LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP28119 Rev. 0.91
www.MonolithicPower.com
12
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE INFORMATION
2MM X 2MM QFN8
TOP VIEW
1
8
54
BOTTOM VIEW
1.90
2.10
0.45
0.65
1.90
2.10
1.05
1.25
0.50
BSC
0.18
0.30
PIN 1 ID
MARKING
0.60
0.50
0.25
RECOMMENDED LAND PATTERN
1.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-229, VARIATION VCCD-3.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
0.70
PIN 1 ID OPTION A
R0.20 TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.25
0.45
PIN 1 ID
INDEX AREA
SIDE VIEW
0.00
0.05
0.80
1.00
0.20 REF
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com