Electronic Components Datasheet Search
  English  ▼

X  

AD668 Datasheet(PDF) 5 Page - Analog Devices

Part # AD668
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD668 Datasheet(HTML) 5 Page - Analog Devices

  AD668 Datasheet HTML 1Page - Analog Devices AD668 Datasheet HTML 2Page - Analog Devices AD668 Datasheet HTML 3Page - Analog Devices AD668 Datasheet HTML 4Page - Analog Devices AD668 Datasheet HTML 5Page - Analog Devices AD668 Datasheet HTML 6Page - Analog Devices AD668 Datasheet HTML 7Page - Analog Devices AD668 Datasheet HTML 8Page - Analog Devices AD668 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD668
REV. A
–5–
ANALOG OFFSET ERROR: The analog offset is defined as
the offset of the analog amplifier channel, referred to the analog
input. Ideally, this would be measured with the analog input at
0 V and the digital input at full scale. Since a 0 V analog input
voltage constitutes an undervoltage condition, this specification
is determined through linear extrapolation, as indicated in
Figure 1.
Figure 1. Derivation of Analog Offset Voltage
GLITCH IMPULSE: Asymmetrical switching times in a DAC
may give rise to undesired output transients which are quanti-
fied by their glitch impulse. It is specified as the net area of the
glitch in pV-sec.
Figure 2. AD668 Major Carry Glitch
FUNCTIONAL DESCRIPTION
The AD668 is designed to combine excellent performance with
maximum flexibility. The functional block diagram and the
simple transfer functions provided below will provide the user
with a basic grasp of the AD668’s operation. Examples of typi-
cal circuit configurations are provided in the section APPLY-
ING THE AD668. Subsequent sections contain more detailed
information useful in optimizing DAC performance in high
speed, high resolution applications.
DAC Transfer Function
The AD668 may be used either in a current output mode (DAC
output connected to a virtual ground) or a voltage output mode
(DAC output connected to a resistive load).
In current output mode:
Unipolar Mode
I
OUT =
V
IN
V
NOM
×
DAC code
4096
× 10.24 mA
Bipolar Mode
I
OUT =
V
IN
V
NOM
×
DAC code
4096
× 10.24 mA –
V
IN
V
NOM
× 5.12 mA
In voltage output mode:
V
OUT = IOUT × RLOAD
(for both unipolar and bipolar modes)
where:
VIN – the analog input voltage.
VNOM – the nominal full scale of the reference voltage: 1 V,
1.25 V, or 5 V, determined by the wiring configuration of Pins
21 and 22. (See APPLYING THE AD668.)
DAC code – the numerical representation of the DAC’s digital
inputs; a number between 0 and 4095.
RLOAD – the resistance of the DAC output node; the maximum
this can be is 200
Ω (the internal DAC ladder resistance). The
on-board load resistor (Pin 19) has been trimmed so that its
parallel combination with the DAC ladder resistance is 100
Ω
(
±1%)
Bipolar mode – produces a bipolar analog output from the digital
input by offsetting the normal output current with a precision
current source. This offset is achieved by connecting Pin 16 to
the DAC output. In the unipolar mode, Pin 16 should be
grounded.
If the dc errors are included, the transfer function becomes
somewhat more complex:
I
OUT =
V
IN
V
NOM
+ OFFSET
ANALOG


×
DAC code
4096
× (1 + E ) × 10.24 mA
+ OFFSET
DIGITAL
×
V
IN
V
NOM
× 10.24 mA
–
V
IN
V
NOM
+ OFFSET
ANALOG


× (5.12 mA + [OFFSET BIPOLAR × 10.24 mA])
(Last term is for use in bipolar mode; VOUT is still just IOUT
×
RLOAD)
where:
OFFSETANALOG = the analog offset error.
OFFSETDIGITAL = is the unipolar digital offset error.
OFFSETBIPOLAR = is the bipolar offset error.
E = the gain error, expressed fractionally.
Operating Limits:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com